Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT2000KA Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # FT2000KA
Description  Superfast Silicon Rectifiers-Single Diode / Two Polarities
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

FT2000KA Datasheet(HTML) 2 Page - Diotec Semiconductor

  FT2000KA Datasheet HTML 1Page - Diotec Semiconductor FT2000KA Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FT2000AA ... FT2000KG
Characteristics
Kennwerte
Leakage current
Sperrstrom
Tj = 25°C
Tj = 125°C
VR = VRRM
IR
< 5 µA
typ. 40µA
Reverse recovery time
Sperrverzug
IF = 0.5 A through/über
IR = 1 A to IR = 0.25 A
trr
< 200 ns
Thermal resistance junction to case
Wärmewiderstand Sperrschicht – Gehäuse
RthC
< 1.5 K/W
2
http://www.diotec.com/
© Diotec Semiconductor AG
120
100
80
60
40
20
0
[%]
I
FAV
Rated forward current vs. temp. of the case
in Abh. v. d. Temp. Des Gehäuses
Zul. Richtstrom
[°C]
T
C
150
100
50
0
Forward characteristics (typical values)
Durchlasskennlinien (typische Werte)
10
10
10
1
10
3
2
-1
[A]
I
F
0.4
V
F
0.8
1.0
1.2
1.4
[V] 1.8
T = 25°C
j
T = 125°C
j
400a-(5a-0,8v)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com