Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBA31301 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # PBA31301
Description  Bluetooth Radio Transceiver
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PBA31301 Datasheet(HTML) 1 Page - Infineon Technologies AG

  PBA31301 Datasheet HTML 1Page - Infineon Technologies AG PBA31301 Datasheet HTML 2Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Bluetooth
Ne v e r
stop
thinking.
P RODUCT
B RI E F
PBA
313
02/1
Radio Tr ansceiv e r
Bluetooth
TM
Radio T r ansceiver
The Bluetooth Radio PBA 313 02/1 from Infineon
Technologies is a long-range microwave frequency
radio transceiver for Bluetooth communication
links.
Provided in a compact LGA package, the
PBA 313 02/1 is intended primarily for embedded
applications and applications requiring a flexible
form factor. No external shield is required. This
solution enables extremely low height
implementations.
With the addition of only an antenna, a reference
frequency crystal, and digital control functionality,
the PBA 313 02/1 forms a complete radio. As a
result, designers can benefit from a pre-tested and
ready-to-use device, providing a robust Bluetooth
Radio function in the final OEM application.
The Bluetooth Radio offers a combination of com-
pact size, low power consumption, and cost effec-
tive assembly – with the radio IC and some major
components of the radio integrated into the circuit.
This makes it ideal for Bluetooth communications
in both mobile and stationary applications.
The PBA 313 02/1 is built around a BiCMOS ASIC,
and the antenna filter, RX and TX baluns are all
integrated into the circuit.
www .inf ine o n . c om / b lu et oo th
Note: The Bluetooth trademarks are owned by Bluetooth SIG,
Inc. and used by Infineon Technologies under license.
Key Features
■
RF output power class 1
■
Compliant with Bluetooth specification 1.1
■
Forms a complete radio with only
– an antenna
– a 10–20 MHz reference frequency
■
On board output power control
■
Small outline LGA-package (11.8×11.8×1.6 mm)
■
Requires no external shielding
■
Requires no external RF design
Applications
■
Access points
■
Modems
■
Computers
■
Mobile phones


Similar Part No. - PBA31301

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PBA31305 INFINEON-PBA31305 Datasheet
25Kb / 2P
Bluetooth Radio Transceiver?
PBA31307 INFINEON-PBA31307 Datasheet
233Kb / 2P
SINGLE STONE
2004
PBA31308/2V1.01 INFINEON-PBA31308/2V1.01 Datasheet
392Kb / 2P
BlueMoon짰 Universal Family Extended to Embedded Data Transfer Applications
PBA31308/2V1.11 INFINEON-PBA31308/2V1.11 Datasheet
392Kb / 2P
BlueMoon짰 Universal Family Extended to Embedded Data Transfer Applications
More results

Similar Description - PBA31301

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PBA31305 INFINEON-PBA31305 Datasheet
25Kb / 2P
Bluetooth Radio Transceiver?
logo
RF Micro Devices
SIW1711 RFMD-SIW1711 Datasheet
292Kb / 10P
BLUETOOTH RADIO MODEM
logo
STMicroelectronics
STLC2150 STMICROELECTRONICS-STLC2150 Datasheet
191Kb / 10P
BLUETOOTH RADIO TRANSCEIVER
Jan-2004
logo
List of Unclassifed Man...
PT8R1002 ETC-PT8R1002 Datasheet
516Kb / 26P
CMOS Zero-IF Radio Transceiver IC for Bluetooth
logo
NXP Semiconductors
BGB110 PHILIPS-BGB110 Datasheet
141Kb / 17P
Bluetooth radio module
2000 Oct 03
logo
Freescale Semiconductor...
MC72000 FREESCALE-MC72000 Datasheet
1Mb / 156P
Integrated Bluetooth Radio
logo
List of Unclassifed Man...
W7020 ETC1-W7020 Datasheet
324Kb / 36P
Bluetooth Radio Module
logo
Texas Instruments
LMX5251 TI-LMX5251_15 Datasheet
1Mb / 40P
LMX5251 Bluetooth??CMOS Radio
LMX5252 TI-LMX5252_15 Datasheet
1Mb / 41P
Bluetooth??Radio
LMX5251 TI1-LMX5251 Datasheet
1Mb / 40P
LMX5251 Bluetooth??CMOS Radio
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com