Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT2813 Datasheet(PDF) 1 Page - Active-Semi, Inc

Part # ACT2813
Description  5V/2.4A Power Bank Solution
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT2813 Datasheet(HTML) 1 Page - Active-Semi, Inc

  ACT2813 Datasheet HTML 1Page - Active-Semi, Inc ACT2813 Datasheet HTML 2Page - Active-Semi, Inc ACT2813 Datasheet HTML 3Page - Active-Semi, Inc ACT2813 Datasheet HTML 4Page - Active-Semi, Inc ACT2813 Datasheet HTML 5Page - Active-Semi, Inc ACT2813 Datasheet HTML 6Page - Active-Semi, Inc ACT2813 Datasheet HTML 7Page - Active-Semi, Inc ACT2813 Datasheet HTML 8Page - Active-Semi, Inc ACT2813 Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
Innovative PowerTM
- 1 -
www.active-semi.com
Copyright © 2015 Active-Semi, Inc.
FEATURES
Dedicated Single Chip Solution for Mobile Power
With Minimal Component Count
2.4A Continuous Output Current in Boost Mode
2.4A Switching Charger Current
96% Boost Efficiency (Vbat=4.1V)
Adaptive to 10mA-2400mA Input Sources
Battery Disconnection at Output Short
<10µA Low Battery Leakage Current at HZ
Mode During Storage
Boost Auto Turn-off at No Load and Push
Button Turn-on
Battery Over Current, Over Voltage, Over
Temperature and Short Circuit Protections
Boost Auto Startup with Load Detection
Prioritized Power Path from Input to Output
5V+/-100mV Output Voltage in Boost Mode
1.1MHz/0.55MHz Switching Frequencies
2.2uH Inductor and Low Profile Ceramic
Capacitor
4 LEDs Battery Level and Status Indication
Battery Impedance Compensation
Full Cycle of Battery Charge Management
Preconditioning, Fast Charge, Top off and End
of Charge
Charge Current Foldback at 110°C Die
Temperature
IC Over Temperature Protection at 160°C
FCQFN 4x4-20 Package
APPLICATIONS
Power Bank
Mobile Power
Backup Battery Pack
Standalone Battery Charger with USB Output
GENERAL DESCRIPTION
ACT2813/ACT2813C is a space-saving and high-
performance low-profile single-chip solution for
backup battery pack and standalone battery
charger. ACT2813/ACT2813C integrates all the
functions that a backup battery pack needs,
including switching charger, boost converter and
LED indication.
ACT2813/ACT2813C operates at 1.1MHz for
switching charger and 0.55MHz for boost converter
allowing tiny external inductor and capacitors.
ACT2813/ACT2813C provides a direct power path
from input to output while providing
power to
switching charger. Output has higher priority than
battery charger if the input current limit is reached.
ACT2813/ACT2813C charges battery with full cycle
of preconditioning, fast charge with constant current
and constant voltage until end of charge. The
battery charger is thermally regulated at 110°C with
charge current foldback.
ACT2813/ACT2813C boost converter steps battery
voltage up to 5V. Boost converter features high
efficiency, constant current regulation, short circuit
protection and over voltage protection.
ACT2813/ACT2813C provides 3.5mA constant
currents to drive 4 LEDs to indicate battery level
and
charge
status.
Battery
impedance
is
compensated for battery level indication.
5V/2.4A Power Bank Solution
Rev 2, 19-May-15
ACT2813/ACT2813C
Output Current (A)
0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
5.5
5.0
4.5
4.0
3.5
3.0
Boost CC/CV Profile
VBAT =4.1V
VBAT =3.2V
VBAT =3.7V


Similar Part No. - ACT2813

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT2813C ACTIVE-SEMI-ACT2813C Datasheet
645Kb / 23P
5V/2.4A Power Bank Solution
Rev 2, 19-May-15
ACT2813CQY-T ACTIVE-SEMI-ACT2813CQY-T Datasheet
645Kb / 23P
5V/2.4A Power Bank Solution
Rev 2, 19-May-15
ACT2813CQY-T0435 ACTIVE-SEMI-ACT2813CQY-T0435 Datasheet
645Kb / 23P
5V/2.4A Power Bank Solution
Rev 2, 19-May-15
ACT2813QY-T ACTIVE-SEMI-ACT2813QY-T Datasheet
645Kb / 23P
5V/2.4A Power Bank Solution
Rev 2, 19-May-15
ACT2813QY-T0435 ACTIVE-SEMI-ACT2813QY-T0435 Datasheet
645Kb / 23P
5V/2.4A Power Bank Solution
Rev 2, 19-May-15
More results

Similar Description - ACT2813

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9480 RICHTEK-RT9480 Datasheet
177Kb / 16P
Easy to Use Power Bank Solution
RT9481 RICHTEK-RT9481 Datasheet
1Mb / 41P
Easy to Use Power Bank Solution
RT9483 RICHTEK-RT9483 Datasheet
187Kb / 16P
Easy to Use Power Bank Solution
logo
Active-Semi, Inc
ACT2803 ACTIVE-SEMI-ACT2803_16 Datasheet
523Kb / 22P
5V/2.4A Dual Cell Battery Power Manager
Rev 1, May-12-2016
ACT2813 ACTIVE-SEMI-ACT2813_15 Datasheet
645Kb / 23P
5V/2.4A Power Bank Solution
Rev 2, 19-May-15
logo
Richtek Technology Corp...
RT9480 RICHTEK-RT9480_17 Datasheet
176Kb / 16P
Easy to Use Power Bank Solution Integrated Chip
logo
Active-Semi, Inc
ACT2803 ACTIVE-SEMI-ACT2803 Datasheet
523Kb / 22P
5V/2.4A Dual Cell Battery Power Manager
Rev 1, May-12-2016
logo
Shenzhen Huazhimei Semi...
HM1801 HMSEMI-HM1801 Datasheet
502Kb / 8P
HM1801-SIP of Power Bank Total Solution
HM1803 HMSEMI-HM1803 Datasheet
546Kb / 13P
HM1803-SIP of Power Bank Total Solution
HM5911 HMSEMI-HM5911 Datasheet
999Kb / 6P
20V Stadoff, 2.4A Charger with 2.4a OTG for power Bank All-in-one solution
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com