Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCS Datasheet(PDF) 2 Page - XP Power Limited

Part # MCS
Description  Rugged Desktop Design
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

MCS Datasheet(HTML) 2 Page - XP Power Limited

  MCS Datasheet HTML 1Page - XP Power Limited MCS Datasheet HTML 2Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
20-May-13
1.50
(37.8)
4 x 0.15
(3.8)
0.81
(20.5)
0.52 (13.2)
Female 9 pin D-SUB connector with gold plated
pins and 4-40 thumbscrews
2 X 6-32 customer mouting
max. screw length 0.375 (9.5)
3.5 (88.9)
5.5 (139.7)
36.75 ±2.0 (935.0 ±50)
2.25 (57.0)
48.0 (1219)
1.0 (25.4)
0.62 (15.7)
2.75
(69.85)
NEMA 5-15P plug
Plug UK BS1363A
with 13 A fuse
Cordage: HO5/w-F,
3 x 1.0 mm
Plug: Continental,
European CEE 7/7
Cordage: HO5W,
3 x 1.0 mm
0.81
(20.5)
0.52 (13.2)
MCS65
Models and Ratings
Mechanical Details
US version
UK version
EU version
Notes
1. All dimensions in inches (mm).
Tolerance .xx = ±0.02 (0.50); .xxx = ±0.01 (0.25),
except output cable length
2. Weight: 2.50 lbs (1.13 Kg)
Notes
Ouput Connector D-SUB 9 Pin
Pin
Connection
Pin
Connection
Pin 1
Ground
Pin 6
N/C
Pin 2
N/C
Pin 7
N/C
Pin 3
N/C
Pin 8
-Vout
Pin 4
+Vout
Pin 9
-Vout
Pin 5
+Vout
1. These models are supplied with integral US style AC plug, for UK or EU alternatives add suffix -UK or -EU respectively e.g. MCS65US12-D9-EU.
Derating Curves
-40
-20
0
+70
+50
50
100
Ambient Temperature (ºC)
0
Output Power
Output Voltage
Output Current
Regulation
Model Number(1)
65 W
12.0 VDC
5.4 A
11.40V - 12.60V
MCS65US12-D9
65 W
15.0 VDC
4.3 A
14.25V - 15.75V
MCS65US15-D9
65 W
18.5 VDC
3.4 A
17.10V - 18.90V
MCS65US18-D9
65 W
24.0 VDC
2.7 A
22.80V - 25.20V
MCS65US24-D9
65 W
28.0 VDC
2.3 A
26.60V - 29.40V
MCS65US28-D9



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com