Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC5250 Datasheet(PDF) 21 Page - Active-Semi, Inc

Part # PAC5250
Description  Power Application Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

PAC5250 Datasheet(HTML) 21 Page - Active-Semi, Inc

Back Button PAC5250 Datasheet HTML 17Page - Active-Semi, Inc PAC5250 Datasheet HTML 18Page - Active-Semi, Inc PAC5250 Datasheet HTML 19Page - Active-Semi, Inc PAC5250 Datasheet HTML 20Page - Active-Semi, Inc PAC5250 Datasheet HTML 21Page - Active-Semi, Inc PAC5250 Datasheet HTML 22Page - Active-Semi, Inc PAC5250 Datasheet HTML 23Page - Active-Semi, Inc PAC5250 Datasheet HTML 24Page - Active-Semi, Inc PAC5250 Datasheet HTML 25Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 70 page
background image
PAC5250
Power Application Controller
9V, or 15V by the microcontroller after initialization1. When VP is lower than the target regulation voltage, the internal
feedback control circuitry causes the inductor current to increase to raise VP. Conversely, when VP is higher than the
regulation voltage, the feedback loop control causes the inductor current to decrease to lower VP. The feedback loop is
internally stabilized. The output current capability of the switching supply is determined by the external current sense
resistor. In the high-side current sense buck mode, the inductor current signal is sensed differentially between the CSM pin
and VP, and has a peak current limit threshold of 0.26V. In the low-side current sense flyback or boost mode, the inductor
current signal is sensed differentially between the CSM pin and VSSP, and has a peak current limit threshold of 1V.
The MMSS controller is flexible and configurable as a buck, flyback, or boost converter. Input sources include battery
supply for buck mode (Figure 10-2), and AC line supply voltage range for ultra-high-voltage buck mode (Figure 10-3),
AC/DC flyback mode (Figure 10-4). The MMSS controller operational mode is determined by external configuration and
register setting from the microcontroller after power up. It can operate in either high-side or low-side current sense mode,
and does not require external feedback loop compensation circuitry. For optional extended application range, the MMSS
also incorporates additional digital control by the microcontroller to add accurate computations for outer feedback loop
control such as power factor correction and accurate current control.
1
Note that on any device with ultra-high voltage drivers (PAC525X), it is invalid to set VP to less than 12V.
- 21 -
Rev 1.6‒January 28, 2016
Figure 10-2. Buck Mode
VHM
DRM
CSM
VP
PAC52xx
V
P
(12V default)
V
IN
VHM
DRM
CSM
VP
PAC5250
V
IN
Figure 10-3. Ultra-High-Voltage Buck Mode
VHM
DRM
CSM
VP
PAC5250
V
P
(12V default)
V
AC
(120V/230V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com