Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD040RHAN2-J21 Datasheet(PDF) 1 Page - Sparkle Power Inc.

Part # AD040RHAN2-J21
Description  Efficiency Level VI, RoHS Compliant
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPI [Sparkle Power Inc.]
Direct Link  http://www.sparklepower.com
Logo SPI - Sparkle Power Inc.

AD040RHAN2-J21 Datasheet(HTML) 1 Page - Sparkle Power Inc.

  AD040RHAN2-J21 Datasheet HTML 1Page - Sparkle Power Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Input Characteristics
Input Range: 90 ~ 264Vac (RMS), Full Range Input
Frequency: 47 ~ 63Hz
Input Current: Max 1.1A (RMS) @ 115Vac,0.8A (RMS) @ 230Vac
Inrush Current: No damage.
Specification
Temperature Range: Operating: 0°C ~ +40°C; storage
& shipping: -20°C ~ +75°C
Humidity: 90% on operating, 95% on storage
Dielectric Withstand: Primary frame ground 1800V AC
for 3 second
Average Efficiency: Efficiency Level VI & ErP Teir 2
No Load Power Consumption: Less than 0.075W
Turn-on Delay Time: Less than 3s
Hold-up Time: 5 ms minimum at 115Vac input and max
output loading
Leakage Current: Less than 250uA at 264Vac, 60Hz
MTBF: 100,000 hours on maximum load at +25°C
Altitude: 5,000M
Dimensions (LxWxH): 110x50x32mm
Output Characteristics
SPI Model
Output
Voltage
Output
Current
Load
Reg.
Ripple &
Noise
Connecter
Type
Connecter
IDxODxL
Dc cable
Length (mm)
AD040RHAN2-J21
12V
3.33A
± 5%
120mV P-P
Barrel 180
̊
2.1x5.5x9.5
1500
AD040RHAN2-J25
12V
3.33A
± 5%
120mV P-P
Barrel 180
̊
2.5x5.5x12
1500
FSP040-RHAN2
(Efficiency Level VI, RoHS Compliant)
40 Watts Power Adapter
Sparkle Power Inc.
Main Office
48502 Kato Road
Fremont, CA 94538
TEL: 408-519-8888
FAX: 408-519-9999
E-MAIL: info@sparklepower.com
Sparkle Power Inc.
Los Angeles Office
17071 Green Drive
City of Industry, CA 91745
TEL: 626-839-7180
FAX: 626-839-3395
Features
High efficiency and reliability
Compatible with European Union Directive 2011/65/EU
(Restriction on Hazardous Substances).
Low noise and ripple
Output over voltage, short circuit, and over current
protection
100% Hi-pot, ATE, and burn-in tested
Complies with FCC part 15 subpart J class B 115Vac
operation, and CISPR 22 class B at 230Vac operation
Approved by CUL/UL60950-1 2
nd TUV EN60950-1 2nd,
CB 60950-1 2
nd, FCC, EMC
Sparkle Power Inc.
A Leading Power Supply Manufacturer
Web site: www.sparklepower.com


Similar Part No. - AD040RHAN2-J21

ManufacturerPart #DatasheetDescription
logo
Sparkle Power Inc.
AD040RAC-ATC07RW SPI-AD040RAC-ATC07RW Datasheet
53Kb / 1P
40 Watts Power Adapter High efficiency and reliability
More results

Similar Description - AD040RHAN2-J21

ManufacturerPart #DatasheetDescription
logo
Sparkle Power Inc.
FSP120-ABAN2 SPI-FSP120-ABAN2 Datasheet
47Kb / 1P
Efficiency Level VI, RoHS Compliant
FSP120-AHAN2 SPI-FSP120-AHAN2 Datasheet
47Kb / 1P
Efficiency Level VI, RoHS Compliant
logo
CUI INC
SMI-AU-2 CUI-SMI-AU-2 Datasheet
297Kb / 2P
level VI efficiency accessory
SMI-EU-2 CUI-SMI-EU-2 Datasheet
289Kb / 2P
level VI efficiency accessory
SMI-US-2 CUI-SMI-US-2 Datasheet
279Kb / 2P
level VI efficiency accessory
logo
HITRON ELECTRONICS CORP...
HEMG26 HITRON-HEMG26 Datasheet
234Kb / 2P
Energy Efficiency Level VI
HEMG56 HITRON-HEMG56 Datasheet
239Kb / 2P
Energy Efficiency Level VI
HEMG76 HITRON-HEMG76 Datasheet
227Kb / 2P
Energy Efficiency Level VI
HEMP156G HITRON-HEMP156G Datasheet
277Kb / 2P
Energy Efficiency Level VI
logo
ETA-USA
MDL65-SX-W6 ETA-USA-MDL65-SX-W6 Datasheet
2Mb / 5P
65w Meet DOE Level VI and EU Tier 2 Efficiency Compliant
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com