Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

100N8FB Datasheet(PDF) 3 Page - STMicroelectronics

Part # 100N8FB
Description  High avalanche ruggedness
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

100N8FB Datasheet(HTML) 3 Page - STMicroelectronics

  100N8FB Datasheet HTML 1Page - STMicroelectronics 100N8FB Datasheet HTML 2Page - STMicroelectronics 100N8FB Datasheet HTML 3Page - STMicroelectronics 100N8FB Datasheet HTML 4Page - STMicroelectronics 100N8FB Datasheet HTML 5Page - STMicroelectronics 100N8FB Datasheet HTML 6Page - STMicroelectronics 100N8FB Datasheet HTML 7Page - STMicroelectronics 100N8FB Datasheet HTML 8Page - STMicroelectronics 100N8FB Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
STP100N8F6
Electrical ratings
DocID026838 Rev 3
3/15
1
Electrical ratings
Table 2: Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDS
Drain-source voltage
80
V
VGS
Gate-source voltage
±20
V
ID
Drain current (continuous) at TC = 25 °C
100
A
ID
Drain current (continuous) at TC = 100 °C
70
A
IDM(1)
Drain current (pulsed)
400
A
PTOT
Total dissipation at TC = 25 °C
176
W
EAS(2)
Single pulse avalanche energy
170
mJ
TJ
Operating junction temperature range
-55 to 175
°C
Tstg
Storage temperature range
°C
Notes:
(1)Pulse width is limited by safe operating area.
(2)Starting Tj = 25 °C, Id = 25 A, Vdd = 40 V.
Table 3: Thermal data
Symbol
Parameter
Value
Unit
Rthj-case
Thermal resistance junction-case max.
0.85
°C/W
Rthj-amb
Thermal resistance junction-ambient max.
62.5
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com