Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LL103C Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # LL103C
Description  SMD Schottky Barrier Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

LL103C Datasheet(HTML) 2 Page - Diotec Semiconductor

  LL103C Datasheet HTML 1Page - Diotec Semiconductor LL103C Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LL103A ... LL103C
Characteristics
Kennwerte
LL103C
LL103B
LL103A
Forward voltage
Durchlass-Spannung
IF = 20 mA
VF
< 0.37 V
< 0.37 V
< 0.37 V
IF = 200 mA
VF
< 0.6 V
< 0.6 V
< 0.6 V
Leakage current – Sperrstrom
VR = VRRM
IR
< 5 µA
Typical junction capacitance
Typische Sperrschichtkapazität
VR = 0 V
f = 1 MHz
Cj
50 pF
Reverse recovery time – Sperrverzug
trr
typ. 10 ns 1)
Thermal resistance junction to ambient
Wärmewiderstand Sperrschicht – Umgebung
RthA
< 300 K/W 2)
Disclaimer: See data book page 2 or website
Haftungssauschluss: Siehe Datenbuch Seite 2 oder Internet
1
IF = 5 mA through/über IR = 5 mA to IR = 0.5 mA
2
Mounted with 3 mm2 copper pads at each terminal – Montage mit 3 mm2 Kupferbelag (Lötpad) an jedem Anschluss
2
http://www.diotec.com/
© Diotec Semiconductor AG
120
100
80
60
40
20
0
[%]
[°C]
T
A
150
100
50
0
P
tot
Power dissipation versus ambient temperature )
Verlustleistung in Abh. von d. Umgebungstemp. )
1
1
10
1
10
10
10
-1
-2
-3
[A]
I
F
0
V
F
0.4
1.0
0.6
[V]
T = 25°C
j
Forward characteristics (typical values)
Durchlasskennlinien (typische Werte)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com