Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH1R04AY Datasheet(PDF) 3 Page - STMicroelectronics

Part # STTH1R04AY
Description  Automotive ultrafast recovery diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH1R04AY Datasheet(HTML) 3 Page - STMicroelectronics

  STTH1R04AY Datasheet HTML 1Page - STMicroelectronics STTH1R04AY Datasheet HTML 2Page - STMicroelectronics STTH1R04AY Datasheet HTML 3Page - STMicroelectronics STTH1R04AY Datasheet HTML 4Page - STMicroelectronics STTH1R04AY Datasheet HTML 5Page - STMicroelectronics STTH1R04AY Datasheet HTML 6Page - STMicroelectronics STTH1R04AY Datasheet HTML 7Page - STMicroelectronics STTH1R04AY Datasheet HTML 8Page - STMicroelectronics STTH1R04AY Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
DocID024449 Rev 1
3/10
STTH1R04-Y
Characteristics
10
Table 5. Dynamic characteristics
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
trr
Reverse recovery time
IF = 1 A, dIF/dt = -50 A/µs,
VR = 30 V, Tj = 25 °C
30
ns
IF = 1 A, dIF/dt = -100 A/µs,
VR = 30 V, Tj = 25 °C
14
20
IRM
Reverse recovery current
IF = 1 A, dIF/dt = -200 A/µs,
VR = 320 V, Tj = 125 °C
2.5
3.5
A
tfr
Forward recovery time
IF = 1 A
dIF/dt = 100 A/µs
VFR = 1.1 x VFmax, Tj = 25 °C
50
ns
VFP
Forward recovery voltage
IF = 1 A, dIF/dt = 100 A/µs, Tj = 25 °C
2.9
V
Figure 1. Conduction losses versus
average forward current
Figure 2. Forward voltage drop versus forward
current
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.0
0.2
0.4
0.6
0.8
1.0
1.2
P(W )
δ=0.05
δ=0.1
δ=0.2
δ=0.5
δ=1
T
δ=tp/T
tp
IF(AV)(A)
IFM(A)
0.1
1.0
10.0
100.0
0.0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
3.6
4.0
4.4
T
J=150°C
(Maximum values)
T
J=150°C
(Typical values)
T
J=25°C
(Maximum values)
VFM(V)
Figure 3. Relative variation of thermal
impedance junction to ambient
versus pulse duration, SMA
Figure 4. Relative variation of thermal
impedance junction to ambient
versus pulse duration, SMB
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
Single pulse
SMA
Scu= 1cm²
Z/R
th(j-a) th(j-a)
tP(s)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
Single pulse
tP(s)
Z/R
th(j-a) th(j-a)
SMB
S
= 1 cm
cu



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com