Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH1R04UY Datasheet(PDF) 5 Page - STMicroelectronics

Part # STTH1R04UY
Description  Automotive ultrafast recovery diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH1R04UY Datasheet(HTML) 5 Page - STMicroelectronics

  STTH1R04UY Datasheet HTML 1Page - STMicroelectronics STTH1R04UY Datasheet HTML 2Page - STMicroelectronics STTH1R04UY Datasheet HTML 3Page - STMicroelectronics STTH1R04UY Datasheet HTML 4Page - STMicroelectronics STTH1R04UY Datasheet HTML 5Page - STMicroelectronics STTH1R04UY Datasheet HTML 6Page - STMicroelectronics STTH1R04UY Datasheet HTML 7Page - STMicroelectronics STTH1R04UY Datasheet HTML 8Page - STMicroelectronics STTH1R04UY Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
DocID024449 Rev 1
5/10
STTH1R04-Y
Characteristics
10
Figure 13. Thermal resistance junction to ambient versus copper surface under each lead
Figure 11. Forward recovery time versus
dIF/dt (typical values)
Figure 12. Thermal resistance junction to
ambient versus copper surface under each lead
0
5
10
15
20
25
30
35
40
45
50
55
0
50
100
150
200
250
300
350
400
450
500
t
FR(ns)
I
F=1 A
T
j=125 °C
dIF/dt(A/µs)
Rth(j-a)(C/W)
°
0
50
100
150
200
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
SCU(cm²)
SMA
epoxy printed board FR4, copper thickness Cu = 35 µm
Rth(j-a)(C/W)
0
50
100
150
200
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
SMB
°
SCU(cm²)
epoxy printed board FR4, copper thickness Cu = 35 µm



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com