Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RGL1B Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # RGL1B
Description  Fast Recovery SMD Rectifier Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

RGL1B Datasheet(HTML) 2 Page - Diotec Semiconductor

  RGL1B Datasheet HTML 1Page - Diotec Semiconductor RGL1B Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RGL1A ... RGL1M
Characteristics
Kennwerte
Forward voltage
Durchlass-Spannung
Tj = 25°C
IF = 1 A
VF
< 1.3 V
Leakage current
Sperrstrom
Tj = 25°C
Tj = 125°C
VR = VRRM
VR = VRRM
IR
IR
< 5 µA
< 50 µA
Typical junction capacitance
Typische Sperrschichtkapzität
VR = 4 V
Cj
4 pF
Reverse recovery time
Sperrverzugszeit
IF = 0.5 A through/über
IR = 1 A to IR = 0.25 A
RGL1A...G
RGL1J
RGL1K...M
trr
trr
trr
< 150 ns
< 250 ns
< 500 ns
Thermal resistance junction to ambient air
Wärmewiderstand Sperrschicht – umgebende Luft
RthA
< 75 K/W 1)
Thermal resistance junction to terminal
Wärmewiderstand Sperrschicht − Anschluss
RthT
< 40 K/W
Disclaimer: See data book page 2 or website
Haftungssauschluss: Siehe Datenbuch Seite 2 oder Internet
1
Mounted on P.C. board with 25 mm2 copper pads at each terminal
Montage auf Leiterplatte mit 25 mm2 Kupferbelag (Lötpad) an jedem Anschluss
2
http://www.diotec.com/
© Diotec Semiconductor AG
120
100
80
60
40
20
0
[%]
I
FAV
Rated forward current versus ambient temperature )
Zul. Richtstrom in Abh. von der Umgebungstemp. )
1
1
[°C]
T
A
150
100
50
0
10
1
10
10
10
-1
-2
-3
[A]
I
F
Forward characteristics (typical values)
Durchlasskennlinien (typische Werte)
0.4
V
F
0.8
1.0
1.2
1.4
[V] 1.8
T = 25°C
j
T = 125°C
j
10a-(0.5a-1.2v)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com