Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW48N60DM2 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STW48N60DM2
Description  N-channel 600 V, 0.065 Ω typ., 40 A MDmesh™ DM2 Power MOSFET in a TO-247 package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW48N60DM2 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STW48N60DM2 Datasheet HTML 4Page - STMicroelectronics STW48N60DM2 Datasheet HTML 5Page - STMicroelectronics STW48N60DM2 Datasheet HTML 6Page - STMicroelectronics STW48N60DM2 Datasheet HTML 7Page - STMicroelectronics STW48N60DM2 Datasheet HTML 8Page - STMicroelectronics STW48N60DM2 Datasheet HTML 9Page - STMicroelectronics STW48N60DM2 Datasheet HTML 10Page - STMicroelectronics STW48N60DM2 Datasheet HTML 11Page - STMicroelectronics STW48N60DM2 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
STW48N60DM2
Revision history
DocID026927 Rev 2
11/12
5
Revision history
Table 11: Document revision history
Date
Revisi
on
Changes
21-Oct-2014
1
First release.
29-Oct-2015
2
Document status promoted from preliminary to production data.
Modified: title
Modified: VDS in cover page
Modified: Peak diode recovery voltage slope parameter value and note 2
Modified: Rthj-case value in Table 3: "Thermal data"
Modified: the entire values in Table 4: "Avalanche characteristics"
Modified: IDSS, IGSS max values and RDS(on) typical value in Table 5: "Static"
Modified: the entire values in Table 6: "Dynamic", Table 7: "Switching times"
and Table 8: "Source-drain diode"
Added: Table 9: "Gate-source Zener diode"
Added: Section 2.1: "Electrical characteristics (curves)"
Minor text changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com