Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPTIC-33L2C5 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPTIC-33L2C5
Description  Parascan tunable integrated capacitor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPTIC-33L2C5 Datasheet(HTML) 1 Page - STMicroelectronics

  STPTIC-33L2C5 Datasheet HTML 1Page - STMicroelectronics STPTIC-33L2C5 Datasheet HTML 2Page - STMicroelectronics STPTIC-33L2C5 Datasheet HTML 3Page - STMicroelectronics STPTIC-33L2C5 Datasheet HTML 4Page - STMicroelectronics STPTIC-33L2C5 Datasheet HTML 5Page - STMicroelectronics STPTIC-33L2C5 Datasheet HTML 6Page - STMicroelectronics STPTIC-33L2C5 Datasheet HTML 7Page - STMicroelectronics STPTIC-33L2C5 Datasheet HTML 8Page - STMicroelectronics STPTIC-33L2C5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
This is information on a product in full production.
December 2015
DocID028611 Rev 1
1/10
STPTIC-27L2
Parascan™ tunable integrated capacitor
Datasheet
- production data
Features
• High power capability
• 5:1 tuning range
• Higher linearity (48x)
• High quality factor (Q)
• Low leakage current
• Compatible with high voltage control IC
(STHVDAC series)
• Available in WLCSP package 0.75 x 1.00 x 0.3
mm
• ECOPACK®2 compliant component
Benefit
• RF tunable passive implementation in mobile
phones to optimize antenna radiated
performance
Applications
• Cellular antenna open loop tunable matching
network in multi-band GSM/WCDMA/LTE
mobile phone
• Open loop tunable RF filters
Description
The ST integrated tunable capacitor offers
excellent RF performance, low power
consumption and high linearity required in
adaptive RF tuning applications. The fundamental
building block of PTIC is a tunable material called
Parascan™, which is a version of barium
strontium titanate (BST) developed by Paratek
Microwave.
BST capacitors are tunable capacitors intended
for use in mobile phone application and dedicated
to RF tunable applications. These tunable
capacitors are controlled through an extended
bias voltage ranging from 1 to 24 V. The
implementation of BST tunable capacitors in
mobile phones enables significant improvement
in terms of radiated performance making the
performance almost insensitive to the external
environment.
Figure 1. PTIC functional block diagram
TM: Parascan is a trademark of Paratek Microwave Inc.
www.st.com


Similar Part No. - STPTIC-33L2C5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPTIC-33F1M6 STMICROELECTRONICS-STPTIC-33F1M6 Datasheet
196Kb / 13P
Parascan tunable integrated capacitor
13-Feb-2014
STPTIC-33G1H5 STMICROELECTRONICS-STPTIC-33G1H5 Datasheet
196Kb / 13P
Parascan tunable integrated capacitor
13-Feb-2014
STPTIC-33G2 STMICROELECTRONICS-STPTIC-33G2 Datasheet
470Kb / 11P
Parascan™ tunable integrated capacitor
July 2015 Rev 1
STPTIC-33G2C5 STMICROELECTRONICS-STPTIC-33G2C5 Datasheet
470Kb / 11P
Parascan™ tunable integrated capacitor
July 2015 Rev 1
More results

Similar Description - STPTIC-33L2C5

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE64101 PSEMI-PE64101 Datasheet
579Kb / 13P
UltraCMOS Digitally Tunable Capacitor
PE64102 PSEMI-PE64102 Datasheet
980Kb / 13P
UltraCMOS Digitally Tunable Capacitor
PE64904 PSEMI-PE64904 Datasheet
602Kb / 11P
UltraCMOS Digitally Tunable Capacitor
PE64905 PSEMI-PE64905 Datasheet
610Kb / 11P
UltraCMOS Digitally Tunable Capacitor
PE64909 PSEMI-PE64909 Datasheet
376Kb / 11P
UltraCMOS Digitally Tunable Capacitor
logo
ON Semiconductor
TCP-3118H ONSEMI-TCP-3118H Datasheet
124Kb / 7P
Passive Tunable Integrated Circuits
July, 2015 ??Rev. 3
TCP-3027HA ONSEMI-TCP-3027HA Datasheet
182Kb / 7P
Passive Tunable Integrated Circuits
August, 2015 ??Rev. 2
logo
STMicroelectronics
STPTIC-33G2 STMICROELECTRONICS-STPTIC-33G2 Datasheet
470Kb / 11P
Parascan™ tunable integrated capacitor
July 2015 Rev 1
STPTIC-56G2 STMICROELECTRONICS-STPTIC-56G2 Datasheet
471Kb / 11P
Parascan™ tunable integrated capacitor
July 2015 Rev 1
STPTIC STMICROELECTRONICS-STPTIC Datasheet
196Kb / 13P
Parascan tunable integrated capacitor
13-Feb-2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com