Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSF0102 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LSF0102
Description  Channel Bidirectional Multi-Voltage Level Translator
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LSF0102 Datasheet(HTML) 2 Page - Texas Instruments

  LSF0102 Datasheet HTML 1Page - Texas Instruments LSF0102 Datasheet HTML 2Page - Texas Instruments LSF0102 Datasheet HTML 3Page - Texas Instruments LSF0102 Datasheet HTML 4Page - Texas Instruments LSF0102 Datasheet HTML 5Page - Texas Instruments LSF0102 Datasheet HTML 6Page - Texas Instruments LSF0102 Datasheet HTML 7Page - Texas Instruments LSF0102 Datasheet HTML 8Page - Texas Instruments LSF0102 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
2
LSF0101, LSF0102, LSF0108
SDLS966G – DECEMBER 2013 – REVISED FEBRUAURY 2016
www.ti.com
Product Folder Links: LSF0101 LSF0102 LSF0108
Submit Documentation Feedback
Copyright © 2013–2016, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications......................................................... 5
6.1
Absolute Maximum Ratings ...................................... 5
6.2
ESD Ratings ............................................................ 5
6.3
Recommended Operating Conditions ....................... 5
6.4
Thermal Information: LSF0101, LSF0108................. 6
6.5
Thermal Information: LSF0102 ................................. 6
6.6
Electrical Characteristics........................................... 6
6.7
LSF0101/02 AC Performance (Translating Down)
Switching Characteristics , VGATE = 3.3 V ................. 7
6.8
LSF0108 AC Performance (Translating Down)
Switching Characteristics, VGATE = 3.3 V .................. 7
6.9
LSF0101/02 AC Performance (Translating Down)
Switching Characteristics, VGATE = 2.5 V .................. 7
6.10
LSF0108 AC Performance (Translating Down)
Switching Characteristics, VGATE = 2.5 V .................. 7
6.11
LSF0101/02 AC Performance (Translating Up)
Switching Characteristics, VGATE = 3.3 V .................. 7
6.12
LSF0108 AC Performance (Translating Up)
Switching Characteristics, VGATE = 3.3 V .................. 7
6.13
LSF0101/02 AC Performance (Translating Up)
Switching Characteristics, VGATE = 2.5 V .................. 8
6.14
LSF0108 AC Performance (Translating Up)
Switching Characteristics, VGATE = 2.5 V .................. 8
6.15
Typical Characteristics ............................................ 8
7
Parameter Measurement Information .................. 9
8
Detailed Description ............................................ 10
8.1
Overview ................................................................. 10
8.2
Functional Block Diagrams ..................................... 10
8.3
Feature Description................................................. 11
8.4
Device Functional Modes........................................ 11
9
Application and Implementation ........................ 12
9.1
Application Information............................................ 12
9.2
Typical Application .................................................. 12
10
Power Supply Recommendations ..................... 19
11
Layout................................................................... 19
11.1
Layout Guidelines ................................................. 19
11.2
Layout Example .................................................... 19
12
Device and Documentation Support ................. 21
12.1
Related Links ........................................................ 21
12.2
Community Resources.......................................... 21
12.3
Trademarks ........................................................... 21
12.4
Electrostatic Discharge Caution ............................ 21
12.5
Glossary ................................................................ 21
13
Mechanical, Packaging, and Orderable
Information ........................................................... 21
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision F (October 2015) to Revision G
Page
•
Added all available package dimensions in Device Information and changed the pin diagram description. ......................... 1
Changes from Revision E (July 2015) to Revision F
Page
•
Changed Features from "Supports High Speed Translation, Greater Than 100 MHz" to "Supports Up to 100 MHz
Up Translation and Greater Than 100 MHz Down Translation at
≤ 30pF Cap Load and Up To 40 MHz Up/Down
Translation at 50 pF Cap Load." ........................................................................................................................................... 1
•
Updated all propagation delay tables changed from generic to specific LSF devices. ......................................................... 7
Changes from Revision D (October 2014) to Revision E
Page
•
Deleted "Less Than 1.5 ns Max Propagation Delay" from Features. .................................................................................... 1
•
Updated ESD Ratings table. .................................................................................................................................................. 5
•
Increased MAX value for TA, Operating free-air temperature, from 85°C to 125°C. .............................................................. 5
Changes from Revision C (May 2014) to Revision D
Page
•
Changed bidirectional voltage level translation from 1.0 to 0.95 ........................................................................................... 1
•
Changed YZT package to fix view error. ............................................................................................................................... 1
•
Changed YZT package to fix view error. ............................................................................................................................... 3
•
Added pin numbers to Pin Functions table............................................................................................................................. 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com