Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC00ADBLE Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74LVC00ADBLE
Description  Quadruple 2-Input Positive-NAND Gates
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC00ADBLE Datasheet(HTML) 1 Page - Texas Instruments

  SN74LVC00ADBLE Datasheet HTML 1Page - Texas Instruments SN74LVC00ADBLE Datasheet HTML 2Page - Texas Instruments SN74LVC00ADBLE Datasheet HTML 3Page - Texas Instruments SN74LVC00ADBLE Datasheet HTML 4Page - Texas Instruments SN74LVC00ADBLE Datasheet HTML 5Page - Texas Instruments SN74LVC00ADBLE Datasheet HTML 6Page - Texas Instruments SN74LVC00ADBLE Datasheet HTML 7Page - Texas Instruments SN74LVC00ADBLE Datasheet HTML 8Page - Texas Instruments SN74LVC00ADBLE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
A
B
Y
A
B
Y
A
B
Y
A
B
Y
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
SN54LVC00A, SN74LVC00A
SCAS279R – JANUARY 1993 – REVISED FEBRUARY 2016
SNx4LVC00A Quadruple 2-Input Positive-NAND Gates
1
1 Features
1
•
Operate From 1.65 V to 3.6 V
•
Specified From –40°C to 85°C, –40°C to 125°C,
and –55°C to 125°C
•
Inputs Accept Voltages to 5.5 V
•
Max tpd of 4.3 ns at 3.3 V
•
Typical VOLP (Output Ground Bounce)
< 0.8 V at VCC = 3.3 V, TA = 25°C
•
Typical VOHV (Output VOH Undershoot)
> 2 V at VCC = 3.3 V, TA = 25°C
•
Latch-Up Performance Exceeds 250 mA
Per JESD 17
•
On Products Compliant to MIL-PRF-38535,
All Parameters Are Tested Unless Otherwise
Noted. On All Other Products, Production
Processing Does Not Necessarily Include Testing
of All Parameters.
•
ESD Protection Exceeds JESD 22
–
2000-V Human-Body Model
–
200-V Machine Model
–
1000-V Charged-Device Model
2 Applications
•
AV Receivers
•
Audio Docks: Portable
•
Blu-ray Players and Home Theater
•
MP3 Players or Recorder s
•
Personal Digital Assistants (PDAs)
•
Power: Telecom/Server AC/DC Supply: Single
Controller: Analog and Digital
•
Solid State Drives (SSDs): Client and Enterprise
•
TVs: LCD, Digital, and High-Definition (HDTV)
•
Tablets: Enterprise
•
Video Analytics: Server
•
Wireless Headsets, Keyboards, and Mice
3 Description
The SN54LVC00A quadruple 2-input positive-NAND
gate is designed for 2.7-V to 3.6-V VCC operation, and
the SN74LVC00A quadruple 2-input positive-NAND
gate is designed for 1.65-V to 3.6-V VCC operation.
The SNx4LVC00A devices perform the Boolean
function Y = A × B or Y = A + B in positive logic.
Inputs can be driven from either 3.3-V or 5-V devices.
This feature allows the use of these devices as
translators in a mixed 3.3-V/5-V system environment.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
SNx4LVC00A
SOIC (14)
8.65 mm × 3.91 mm
SSOP (14)
6.20 mm × 5.30 mm
SOP (14)
10.30 mm × 5.30 mm
TSSOP (14)
5.00 mm × 4.40 mm
VQFN (14)
3.50 mm × 3.50 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
4 Simplified Schematic


Similar Part No. - SN74LVC00ADBLE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC00ADBLE TI-SN74LVC00ADBLE Datasheet
908Kb / 22P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN74LVC00ADBLE TI-SN74LVC00ADBLE Datasheet
788Kb / 22P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
More results

Similar Description - SN74LVC00ADBLE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HCT00 TI-SN54HCT00 Datasheet
404Kb / 12P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
CD54ACT00 TI-CD54ACT00 Datasheet
73Kb / 5P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54LV00 TI-SN54LV00 Datasheet
131Kb / 7P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54LVC00A TI-SN54LVC00A_07 Datasheet
908Kb / 22P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN5400 TI-SN5400_07 Datasheet
737Kb / 21P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54LVC00A TI-SN54LVC00A_08 Datasheet
937Kb / 22P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54LV00A TI-SN54LV00A_10 Datasheet
673Kb / 18P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN74AHCT00-EP TI1-SN74AHCT00-EP Datasheet
421Kb / 8P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN7400J TI1-SN7400J Datasheet
1Mb / 25P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
logo
Unisonic Technologies
U74AHCT00 UTC-U74AHCT00_15 Datasheet
201Kb / 4P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com