Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC08ADBLE Datasheet(PDF) 10 Page - Texas Instruments

Part # SN74LVC08ADBLE
Description  Quadruple 2-Input Positive-AND Gates
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC08ADBLE Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN74LVC08ADBLE Datasheet HTML 6Page - Texas Instruments SN74LVC08ADBLE Datasheet HTML 7Page - Texas Instruments SN74LVC08ADBLE Datasheet HTML 8Page - Texas Instruments SN74LVC08ADBLE Datasheet HTML 9Page - Texas Instruments SN74LVC08ADBLE Datasheet HTML 10Page - Texas Instruments SN74LVC08ADBLE Datasheet HTML 11Page - Texas Instruments SN74LVC08ADBLE Datasheet HTML 12Page - Texas Instruments SN74LVC08ADBLE Datasheet HTML 13Page - Texas Instruments SN74LVC08ADBLE Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
A
B
Y
SN54LVC08A, SN74LVC08A
SCAS283S – JANUARY 1993 – REVISED AUGUST 2015
www.ti.com
9 Detailed Description
9.1 Overview
The SN74LVC08 device contains quadruple 2-input positive AND gate device and performs the Boolean function
Y= A ·B. This device is useful when multiple AND function is used in the system.
9.2 Functional Block Diagram
Figure 4. Logic Diagram, Each Gate (Positive Logic)
9.3 Feature Description
The device can operate from 1.65 V to 3.6 V, allowing to be used in low voltage systems.
The device can accept voltages to 5.5 V make this device flexible to connect and work seamlessly with wide
voltage range systems.
The maximum tpd of 4.1 ns at 3.3 V is beneficial for use in high speed applications.
The device has a Ioff support live insertion, a partial-power-down mode, and a back-drive protection.
9.4 Device Functional Modes
Table 1 lists the functional modes for the SN54LVC08A and SN74LVC08A devices.
Table 1. Truth Table
INPUTS
OUTPUT
A
B
Y
H
H
H
L
X
L
X
L
L
10
Submit Documentation Feedback
Copyright © 1993–2015, Texas Instruments Incorporated
Product Folder Links: SN54LVC08A SN74LVC08A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com