Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC00ADG4 Datasheet(PDF) 3 Page - Texas Instruments

Part # SN74LVC00ADG4
Description  Quadruple 2-Input Positive-NAND Gates
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC00ADG4 Datasheet(HTML) 3 Page - Texas Instruments

  SN74LVC00ADG4 Datasheet HTML 1Page - Texas Instruments SN74LVC00ADG4 Datasheet HTML 2Page - Texas Instruments SN74LVC00ADG4 Datasheet HTML 3Page - Texas Instruments SN74LVC00ADG4 Datasheet HTML 4Page - Texas Instruments SN74LVC00ADG4 Datasheet HTML 5Page - Texas Instruments SN74LVC00ADG4 Datasheet HTML 6Page - Texas Instruments SN74LVC00ADG4 Datasheet HTML 7Page - Texas Instruments SN74LVC00ADG4 Datasheet HTML 8Page - Texas Instruments SN74LVC00ADG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
3
2
1
20 19
9 10 11 12 13
4
5
6
7
8
18
17
16
15
14
4A
NC
4Y
NC
3B
1Y
NC
2A
NC
2B
SN54LVC00A . . . FK PACKAGE
(TOP VIEW)
NC - No internal connection
SN74LVC00A . . . RGY PACKAGE
(TOP VIEW)
1
14
7
8
2
3
4
5
6
13
12
11
10
9
4B
4A
4Y
3B
3A
1B
1Y
2A
2B
2Y
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1A
1B
1Y
2A
2B
2Y
GND
VCC
4B
4A
4Y
3B
3A
3Y
SN54LVC00A . . .
SN74LVC00A . . . D, DB, NS, OR PW PACKAGE
(TOP VIEW)
J OR W PACKAGE
3
SN54LVC00A, SN74LVC00A
www.ti.com
SCAS279R – JANUARY 1993 – REVISED FEBRUARY 2016
Product Folder Links: SN54LVC00A SN74LVC00A
Submit Documentation Feedback
Copyright © 1993–2016, Texas Instruments Incorporated
6 Pin Configuration and Functions
Pin Functions
PIN
TYPE
DESCRIPTION
NAME
SN74LVC00A
SN54LVC00A
D, DB, NS, PW
RGY
J, W
FK
1A
1
1
1
2
I
Gate 1 input
1B
2
2
2
3
I
Gate 1 input
1Y
3
3
3
4
O
Gate 1 output
2A
4
4
4
6
I
Gate 2 input
2B
5
5
5
8
I
Gate 2 input
2Y
6
6
6
9
O
Gate 2 output
GND
7
7
7
10
—
Ground Pin
3Y
8
8
8
12
—
Power Pin
3A
9
9
9
13
I
Gate 4 input
3B
10
10
10
14
I
Gate 4 input
4Y
11
11
11
16
O
Gate 4 output
4A
12
12
12
18
I
Gate 3 input
4B
13
13
13
19
I
Gate 3 input
VCC
14
14
14
20
O
Gate 3 output
NC
—
—
—
1
—
No Connection
5
7
11
15
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com