Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VD5377CB Datasheet(PDF) 61 Page - STMicroelectronics

Part # VD5377CB
Description  Ultra-low power motion sensor for optical finger navigation (OFN)
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VD5377CB Datasheet(HTML) 61 Page - STMicroelectronics

Back Button VD5377CB Datasheet HTML 57Page - STMicroelectronics VD5377CB Datasheet HTML 58Page - STMicroelectronics VD5377CB Datasheet HTML 59Page - STMicroelectronics VD5377CB Datasheet HTML 60Page - STMicroelectronics VD5377CB Datasheet HTML 61Page - STMicroelectronics VD5377CB Datasheet HTML 62Page - STMicroelectronics VD5377CB Datasheet HTML 63Page - STMicroelectronics VD5377CB Datasheet HTML 64Page - STMicroelectronics VD5377CB Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 88 page
background image
Doc ID 022952 Rev 2
61/88
VD5377
Electrical characteristics
10
Electrical characteristics
Typical values are quoted for nominal voltage, process and temperature. Maximum values
are quoted for worst case conditions (process, voltage and functional temperature) unless
otherwise specified. Current measurements include LED at maximum exposure.
10.1
Operating conditions
Table 34. Operating conditions
Symbol
Parameter
Minimum
Typical
Maximum
Unit
Supply voltage
VTOP
External supply (using internal
regulator)
2.2
-
3.0
V
DVREG
Internal 1.8 V regulator
TBD
1.8
TBD
V
DVDD
External 1.8 V supply (direct drive
configuration)
1.7
1.8
1.9
V
Internal system clock frequency
Fosc
Center frequency = 48 MHz
Center frequency = 44 MHz
Center frequency = 39 MHz
Center frequency = 34 MHz
TBD
45.5
41.5
37.0
32.5
TBD
MHz
Operating current (Automatic mode)
IVTOP
Auto run (3.3 kf/s)
-
10.2
TBD
mA
IVTOP
Auto run (1 kf/s)
-
4.5
TBD
mA
IVTOP
Sleep 1
-
350
TBD
µA
IVTOP
Sleep 2
-
60
TBD
µA
IVTOP
Sleep 3
-
20
TBD
µA
IVTOP
Powerdown
-
1
TBD
µA
Operating current (Manual mode)
IVTOP
Manual run (3.3 kf/s)
-
10.2
TBD
mA
IVTOP
Manual run (1 kf/s)
-
4.5
TBD
mA
IVTOP
Standby
-
25
TBD
µA
IVTOP
Powerdown
-
1
TBD
µA
LED drive current
LED_OUT
Internal LED driver:
led_dac_setting = 7 (Max)
led_dac_setting = 4 (Mid))
led_dac_setting = 1 (Min)
14.0
8.0
2.0
TBD
TBD
TBD
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com