Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER06 Datasheet(PDF) 20 Page - STMicroelectronics

Part # VIPER06
Description  Fixed-frequency VIPer plus family
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER06 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button VIPER06 Datasheet HTML 16Page - STMicroelectronics VIPER06 Datasheet HTML 17Page - STMicroelectronics VIPER06 Datasheet HTML 18Page - STMicroelectronics VIPER06 Datasheet HTML 19Page - STMicroelectronics VIPER06 Datasheet HTML 20Page - STMicroelectronics VIPER06 Datasheet HTML 21Page - STMicroelectronics VIPER06 Datasheet HTML 22Page - STMicroelectronics VIPER06 Datasheet HTML 23Page - STMicroelectronics VIPER06 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
Open-loop failure protection
VIPER06
20/28
Doc ID 022794 Rev 1
15
Open-loop failure protection
If the power supply has been designed using flyback topology and the VIPER06 is supplied
by an auxiliary winding, as shown in Figure 27 and Figure 28 on page 21, the converter is
protected against feedback loop failure or accidental disconnections of the winding.
The following description is applicable for the schematics of Figure 27 and Figure 28 on
page 21, respectively the non-isolated flyback and the isolated flyback.
If RH is open or RL is shorted, the VIPER06 works at its drain current limitation. The output
voltage, VOUT, will increase as does the auxiliary voltage, VAUX, which is coupled with the
output through the secondary-to-auxiliary turns ratio.
As the auxiliary voltage increases up to the internal VDD active clamp, VDDclamp (the value is
given in Table 7 on page 8) and the clamp current injected on the VDD pin exceeds the latch
threshold, IDDol (the value is given in Table 7 on page 8), a fault signal is internally
generated.
In order to distinguish an actual malfunction from a bad auxiliary winding design, both the
above conditions (drain current equal to the drain current limitation and current higher than
IDDol through the VDD clamp) have to be verified to reveal the fault.
If RL is open or RH is shorted, the output voltage, VOUT, will be clamped to the reference
voltage VREF_FB (for non-isolated flyback) or to the external TL voltage reference (for
isolated flyback).
Figure 27.
FB pin connection for non-isolated flyback
V
COMPL
D
AUX
nR
FB
VDD
V
AUX
COMP
+
-
to PWM
R
L
E/A
R
H
R
R
AUX
C
VDD
V
OUT
RS
V
REF_FB
from R
SENSE
BUS
+
-
PWM stop
CS
CP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com