Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER06LN Datasheet(PDF) 19 Page - STMicroelectronics

Part # VIPER06LN
Description  Fixed-frequency VIPer plus family
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER06LN Datasheet(HTML) 19 Page - STMicroelectronics

Back Button VIPER06LN Datasheet HTML 15Page - STMicroelectronics VIPER06LN Datasheet HTML 16Page - STMicroelectronics VIPER06LN Datasheet HTML 17Page - STMicroelectronics VIPER06LN Datasheet HTML 18Page - STMicroelectronics VIPER06LN Datasheet HTML 19Page - STMicroelectronics VIPER06LN Datasheet HTML 20Page - STMicroelectronics VIPER06LN Datasheet HTML 21Page - STMicroelectronics VIPER06LN Datasheet HTML 22Page - STMicroelectronics VIPER06LN Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
VIPER06
Automatic auto-restart after overload or short-circuit
Doc ID 022794 Rev 1
19/28
14
Automatic auto-restart after overload or short-circuit
The overload protection is implemented automatically using the integrated up-down counter.
Every cycle, it is incremented or decremented depending upon the current logic detection of
the limit condition or not. The limit condition is the peak drain current, IDlim , given in Table 7
on page 8 or the one set by the user through the RLIM resistor, shown in Figure 13 on
page 11. After the reset of the counter, if the peak drain current is continuously equal to the
level IDlim, the counter will be incremented until the fixed time, tOVL, at which point the power
MOSFET switch ON will be disabled. It will be activated again through the soft-start after the
tRESTART time (see Figure 25 and Figure 26 on page 19) and the time values mentioned in
Table 7 on page 8.
For overload or short-circuit events, the power MOSFET switching will be stopped after a
period of time dependent upon the counter with a maximum equal to tOVL. The protection
sequence continues until the overload condition is removed, see Figure 25 and Figure 26.
This protection ensures a low repetition rate of restart attempts of the converter, so that it
works safely with extremely low power throughput and avoids overheating the IC in case of
repeated overload events. If the overload is removed before the protection tripping, the
counter will be decremented cycle-by-cycle down to zero and the IC will not be stopped.
Figure 25.
Timing diagram: OLP sequence (IC externally biased)
Figure 26.
Timing diagram: OLP sequence (IC internally biased)
time
time
V
DD
V
DDon
V
DDCSon
I
DRAIN
I
Dlim_bm
t
1
*
* The time t
1 can be lower or equal to the time tOVL
t
RESTART
t
SS
t
OVL
t
RESTART
t
SS
t
OVL
t
RESTART
t
SS
SHORT CIRCUIT
OCCURS HERE
SHORT CIRCUIT
REMOVED HERE
time
time
V
DD
V
DDon
V
DDCSon
I
DRAIN
I
Dlim_bm
t
1
*
* The time t
1 can be lower than or equal to the time tOVL
t
RESTART
t
SS
t
OVL
t
RESTART
t
SS
t
OVL
t
RESTART
t
SS
SHORT CIRCUIT
OCCURS HERE
SHORT CIRCUIT
REMOVED HERE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com