Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74F191 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 74F191
Description  Up/Down Binary Counter with Preset and Ripple Clock
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

74F191 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button 74F191 Datasheet HTML 2Page - National Semiconductor (TI) 74F191 Datasheet HTML 3Page - National Semiconductor (TI) 74F191 Datasheet HTML 4Page - National Semiconductor (TI) 74F191 Datasheet HTML 5Page - National Semiconductor (TI) 74F191 Datasheet HTML 6Page - National Semiconductor (TI) 74F191 Datasheet HTML 7Page - National Semiconductor (TI) 74F191 Datasheet HTML 8Page - National Semiconductor (TI) 74F191 Datasheet HTML 9Page - National Semiconductor (TI) 74F191 Datasheet HTML 10Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
AC Operating Requirements
74F
54F
74F
Symbol
Parameter
TA ea25 C
TA VCC e Mil
TA VCC e Com
Units
VCC ea50V
Min
Max
Min
Max
Min
Max
ts(H)
Setup Time HIGH or LOW
45
60
50
ts(L)
Pn to PL
45
60
50
ns
th(H)
Hold Time HIGH or LOW
20
20
20
th(L)
Pn to PL
20
20
20
ts(L)
Setup Time LOW
100
105
100
CE to CP
ns
th(L)
Hold Time LOW
000
CE to CP
ts(H)
Setup Time HIGH or LOW
120
120
120
ts(L)
U D to CP
120
120
120
ns
th(H)
Hold Time HIGH or LOW
0
0
0
th(L)
U D to CP
0
0
0
tw(L)
PL Pulse Width LOW
60
85
60
ns
tw(L)
CP Pulse Width LOW
50
70
50
ns
trec
Recovery Time
60
75
60
ns
PL to CP
Ordering Information
The device number is used to form part of a simplified purchasing code where the package type and temperature range are
defined as follows
74F
191
S
C
X
Temperature Range Family
Special Variations
74F e Commercial
X e Devices shipped in 13 reels
54F e Military
QB e Military grade with environmental
and burn-in processing shipped
Device Type
in tubes
Package Code
Temperature Range
P e Plastic DIP
C e Commercial (0 Cto a70 C)
D e Ceramic DIP
M e Military (b55 Cto a125 C)
F e Flatpak
L e Leadless Ceramic Chip Carrier (LCC)
S e Small Outline SOIC JEDEC
SJ e Small Outline SOIC EIAJ
6



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com