Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER06LS Datasheet(PDF) 7 Page - STMicroelectronics

Part # VIPER06LS
Description  Fixed-frequency VIPer plus family
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER06LS Datasheet(HTML) 7 Page - STMicroelectronics

Back Button VIPER06LS Datasheet HTML 3Page - STMicroelectronics VIPER06LS Datasheet HTML 4Page - STMicroelectronics VIPER06LS Datasheet HTML 5Page - STMicroelectronics VIPER06LS Datasheet HTML 6Page - STMicroelectronics VIPER06LS Datasheet HTML 7Page - STMicroelectronics VIPER06LS Datasheet HTML 8Page - STMicroelectronics VIPER06LS Datasheet HTML 9Page - STMicroelectronics VIPER06LS Datasheet HTML 10Page - STMicroelectronics VIPER06LS Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
VIPER06
Electrical data
Doc ID 022794 Rev 1
7/28
4.3
Electrical characteristics
(TJ = -25 to 125 °C, VDD = 14 V
(a) unless otherwise specified).
a.
Adjust VDD above VDDon startup threshold before setting to 14 V.
Table 5.
Power section
Symbol
Parameter
Test condition
Min Typ Max Unit
VBVDSS
Breakdown voltage
IDRAIN = 1 mA,
VCOMP = GND, TJ = 25 °C
800
V
IOFF
OFF state drain current
VDRAIN = max rating,
VCOMP = GND
60
μA
RDS(on)
Drain-source on-state resistance
IDRAIN = 0.2 A, TJ = 25 °C
32
Ω
IDRAIN = 0.2 A, TJ = 125 °C
67
Ω
COSS
Effective (energy related) output capacitance VDRAIN = 0 to 640 V
10
pF
Table 6.
Supply section
Symbol
Parameter
Test condition
Min
Typ Max
Unit
Voltage
VDRAIN_START Drain-source startup voltage
25
45
V
IDDch1
Startup charging current
VDRAIN = 100 V to 640 V,
VDD = 4 V
-0.6
-1.8
mA
IDDch2
Charging current during operation
VDRAIN = 100 V to 640 V,
VDD = 9 V falling edge
-7
-14
mA
VDD
Operating voltage range
11.5
23.5
V
VDDclamp
VDD clamp voltage
IDD = 15 mA
23.5
V
VDDon
VDD startup threshold
12
13
14
V
VDDCSon
VDD on internal high-voltage current
generator threshold
9.5
10.5 11.5
V
VDDoff
VDD undervoltage shutdown threshold
7
8
9
V
Current
IDD0
Operating supply current, not switching
FOSC = 0 kHz, VCOMP = GND
0.6
mA
IDD1
Operating supply current, switching
VDRAIN = 120 V,
FOSC = 30 kHz
1.3
mA
VDRAIN = 120 V,
FOSC = 60 kHz
1.45
mA
VDRAIN = 120 V,
FOSC = 115 kHz
1.6
mA
IDDoff
Operating supply current with VDD < VDDoff
VDD < VDDoff
0.35
mA
IDDol
Open-loop failure current threshold
VDD = VDDclamp
VCOMP = 3.3 V,
4
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com