Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC1G19DRLR Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC1G19DRLR
Description  1-of-2 Decoder and Demultiplexer
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC1G19DRLR Datasheet(HTML) 12 Page - Texas Instruments

Back Button SN74LVC1G19DRLR Datasheet HTML 8Page - Texas Instruments SN74LVC1G19DRLR Datasheet HTML 9Page - Texas Instruments SN74LVC1G19DRLR Datasheet HTML 10Page - Texas Instruments SN74LVC1G19DRLR Datasheet HTML 11Page - Texas Instruments SN74LVC1G19DRLR Datasheet HTML 12Page - Texas Instruments SN74LVC1G19DRLR Datasheet HTML 13Page - Texas Instruments SN74LVC1G19DRLR Datasheet HTML 14Page - Texas Instruments SN74LVC1G19DRLR Datasheet HTML 15Page - Texas Instruments SN74LVC1G19DRLR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
VCC
Unused Input
Input
Output
Output
Input
Unused Input
Frequency - MHz
0
20
40
60
80
0
1
2
3
4
5
6
7
8
9
10
D003
Icc 1.8V
Icc 2.5V
Icc 3.3V
Icc 5V
SN74LVC1G19
SCES464G – JUNE 2003 – REVISED AUGUST 2015
www.ti.com
Typical Application (continued)
9.2.3 Application Curve
Figure 6. ICC vs Frequency
10 Power Supply Recommendations
The power supply can be any voltage between the minimum and maximum supply voltage rating located in
Absolute Maximum Ratings table.
Each VCC terminal must have a good bypass capacitor to prevent power disturbance. For devices with a single
supply, a 0.1-
μF capacitor is recommended. If there are multiple VCC terminals then 0.01-μF or 0.022-μF
capacitors are recommended for each power terminal. It is ok to parallel multiple bypass capacitors to reject
different frequencies of noise. Multiple bypass capacitors may be paralleled to reject different frequencies of
noise. The bypass capacitor must be installed as close to the power terminal as possible for the best results.
11 Layout
11.1 Layout Guidelines
When using multiple bit logic devices, inputs must not float. In many cases, functions or parts of functions of
digital logic devices are unused. Some examples are when only two inputs of a triple-input AND gate are used,
or when only 3 of the 4-buffer gates are used. Such input pins must not be left unconnected because the
undefined voltages at the outside connections result in undefined operational states.
Specified in Figure 7 are rules that must be observed under all circumstances. All unused inputs of digital logic
devices must be connected to a high or low bias to prevent them from floating. The logic level that must be
applied to any particular unused input depends on the function of the device. Generally they will be tied to GND
or VCC, whichever makes more sense or is more convenient.
11.2 Layout Example
Figure 7. Layout Diagram
12
Submit Documentation Feedback
Copyright © 2003–2015, Texas Instruments Incorporated
Product Folder Links: SN74LVC1G19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com