Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPSC10TH13TI Datasheet(PDF) 3 Page - STMicroelectronics

Part # STPSC10TH13TI
Description  Dual 650 V power Schottky silicon carbide diode in series
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPSC10TH13TI Datasheet(HTML) 3 Page - STMicroelectronics

  STPSC10TH13TI Datasheet HTML 1Page - STMicroelectronics STPSC10TH13TI Datasheet HTML 2Page - STMicroelectronics STPSC10TH13TI Datasheet HTML 3Page - STMicroelectronics STPSC10TH13TI Datasheet HTML 4Page - STMicroelectronics STPSC10TH13TI Datasheet HTML 5Page - STMicroelectronics STPSC10TH13TI Datasheet HTML 6Page - STMicroelectronics STPSC10TH13TI Datasheet HTML 7Page - STMicroelectronics STPSC10TH13TI Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
DocID024699 Rev 3
3/8
STPSC10TH13TI
Characteristics
Table 5. Dynamic electrical characteristics (per diode)
Symbol
Parameter
Test conditions
Typ.
Unit
Qcj
(1)
Total capacitive charge
VR = 400 V
28.5
nC
Cj
Total capacitance
VR = 0 V, Tc = 25 °C, F = 1 MHz
480
pF
VR = 400 V, Tc = 25 °C, F = 1 MHz
48
1. Most accurate value for the capacitive charge:
Figure 1. Forward voltage drop versus forward
current (typical values, low level, per diode)
Figure 2. Forward voltage drop versus forward
current (typical values, high level, per diode)
Figure 3. Reverse leakage current versus
reverse voltage applied
(typical values, per diode)
Figure 4. Peak forward current versus case
temperature
(per diode)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com