Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMC150 Datasheet(PDF) 2 Page - Tumbler Technologies + TRUMPower

Part # TMC150
Description  150 Watts AC/DC Medical & ITE Grade Power Supplies
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

TMC150 Datasheet(HTML) 2 Page - Tumbler Technologies + TRUMPower

  TMC150 Datasheet HTML 1Page - Tumbler Technologies + TRUMPower TMC150 Datasheet HTML 2Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Tumbler Technologies + TRUMPower
3350 Scott Blvd., Building 13 • Santa Clara, California 95054, USA • 408-988-6616 • sales@trumpower.com • www.TRUMPower.com
TMC150 Series
150 Watts AC/DC Medical & ITE Grade Power Supplies
TMC150_2015-08-27
MECHANICAL SPECIFICATIONS
Notes:
1. Dimensions: inches [mm]
2. Tolerance: 0.02 [0.5] maximum
3. Connector P1: JST header P/N B3P-VH, mating with JST housing P/N VHR-3N or equivalent.
4. Connector P2: JST header P/N: B8P-VH, mating with JST housing P/N VHR-8N or equivalent.
5. Connector P3: JST header B4B-PH-K-S (LF) (SN), mating with JST housing PHR-4 or equivalent.
6. Connector P4: JST header B2B-PH-K-S (LF) (SN), mating with JST housing PHR-2 or equivalent.
7. Ground Tab: 0.25 [6.35] x 0.032 [0.8] faston connector.
8. Weight: 200 grams (0.44 lb.) approx.
R
O
T
C
E
N
N
O
C
N
I
P
N
O
I
T
C
N
U
F
1
P
1
l
a
r
t
u
e
N
C
A
2
d
i
o
V
3
e
v
i
L
C
A
2
P
1
n
r
u
t
e
R
n
o
m
m
o
C
2
3
4
5
t
u
o
V
+
6
7
8
3
P
1
n
r
u
t
e
R
n
o
n
m
o
C
2
)
l
a
n
o
i
t
p
O
(
D
F
P
3
e
s
n
e
S
V
-
4
e
s
n
e
S
V
+
4
P
1
)
d
e
t
a
l
o
s
I
(
n
r
u
t
e
R
n
a
F
2
n
a
F
C
D
V
2
1
+
.
x
a
M
A
5
.
0
INPUT & OUTPUT CONNECTORS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com