Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TOC4 Datasheet(PDF) 2 Page - Tumbler Technologies + TRUMPower

Part # TOC4
Description  4 Watts Single and Dual Outputs AC/DC Power Modules
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

TOC4 Datasheet(HTML) 2 Page - Tumbler Technologies + TRUMPower

  TOC4 Datasheet HTML 1Page - Tumbler Technologies + TRUMPower TOC4 Datasheet HTML 2Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Tumbler Technologies + TRUMPower
3350 Scott Blvd., Building 13 • Santa Clara, California 95054, USA • 408-988-6616 • sales@trumpower.com • www.TRUMPower.com
TOC4 Series
4 Watts Single & Dual Outputs AC/DC Power Modules
TOC4_2015-03-26
MECHANICAL SPECIFICATIONS
TOP VIEW
FRONT VIEW
All dimensions in inch [mm]
Tolerance: ±0.5mm
ISOLATION (BOTTOM VIEW)
.
O
N
N
I
P
E
L
G
N
I
S
T
U
P
T
U
O
L
A
U
D
T
U
P
T
U
O
1
.
C
.
N.
C
.
N
2
1
V
+1
V
+
3
1
V
-N
O
M
M
O
C
4
.
C
.
N2
V
+
5
)
L
(
N
I
C
A)
L
(
N
I
C
A
6
)
N
(
N
I
C
A)
N
(
N
I
C
A
7
.
C
.
N.
C
.
N
PINOUT CHART
MODELS LIST - DUAL OUTPUTS
*R&N measured at 20MHz bandwidth and 47µF tantalum capacitor in parallel with a 0.1µF ceramic capacitor at rated line voltage and load ranges.
.
o
N
t
c
u
d
o
r
P
1
D
-
4
C
O
T
2
D
-
4
C
O
T
3
D
-
4
C
O
T
l
i
a
R
t
u
p
t
u
O1
t
u
p
t
u
O2
t
u
p
t
u
O1
t
u
p
t
u
O2
t
u
p
t
u
O1
t
u
p
t
u
O2
t
u
p
t
u
O
e
g
a
t
l
o
V
t
u
p
t
u
O
C
D
V
5
+C
D
V
3
.
3
+C
D
V
8
+C
D
V
5
+C
D
V
2
1
+C
D
V
5
+
t
n
e
r
r
u
C
t
u
p
t
u
O
.
x
a
M
A
m
0
0
6A
m
0
5
1A
m
5
7
3A
m
0
2
1A
m
0
5
2A
m
0
2
1
y
c
a
r
u
c
c
A
e
g
a
t
l
o
V
%
2
±%
5
±%
2
±%
5
±%
2
±%
5
±
)
%
0
0
1
-
5
2
(
n
o
i
t
a
l
u
g
e
R
d
a
o
L
%
5
.
0
±%
5
±%
5
.
0
±%
5
±%
5
.
0
±%
5
±
)
L
H
-
L
L
(
n
o
i
t
a
l
u
g
e
R
e
n
i
L
%
2
.
0
±%
3
±%
2
.
0
±%
3
±%
2
.
0
±%
3
±
d
a
o
L
e
v
i
t
i
c
a
p
a
C
.
x
a
M
F
µ
0
0
6
5F
µ
0
0
7
4F
µ
0
0
0
1F
µ
0
0
7
4F
µ
0
3
3F
µ
0
0
7
4
)
p
-
p
V
(
*
e
s
i
o
N
&
e
l
p
p
i
R
V
m
0
0
2
<V
m
0
5
1
<V
m
0
0
1
<
y
c
n
e
i
c
i
f
f
E
%
2
7%
4
7%
5
7



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com