Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VN5E006ASPTR-E Datasheet(PDF) 9 Page - STMicroelectronics

Part # VN5E006ASPTR-E
Description  Single channel high-side driver with analog current sense for automotive applications
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN5E006ASPTR-E Datasheet(HTML) 9 Page - STMicroelectronics

Back Button VN5E006ASPTR-E Datasheet HTML 5Page - STMicroelectronics VN5E006ASPTR-E Datasheet HTML 6Page - STMicroelectronics VN5E006ASPTR-E Datasheet HTML 7Page - STMicroelectronics VN5E006ASPTR-E Datasheet HTML 8Page - STMicroelectronics VN5E006ASPTR-E Datasheet HTML 9Page - STMicroelectronics VN5E006ASPTR-E Datasheet HTML 10Page - STMicroelectronics VN5E006ASPTR-E Datasheet HTML 11Page - STMicroelectronics VN5E006ASPTR-E Datasheet HTML 12Page - STMicroelectronics VN5E006ASPTR-E Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
DocID17753 Rev 9
9/38
VN5E006ASP-E
Electrical specifications
37
2.3
Electrical characteristics
8 V < VCC < 28 V; -40 °C < Tj < 150 °C, unless otherwise specified.
Table 5. Power section
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
VCC
Operating supply voltage
4.5
13
28
V
VUSD
Undervoltage shutdown
3.5
4.5
V
VUSDhyst
Undervoltage shutdown
hysteresis
0.5
V
RON
ON state resistance
IOUT = 10 A; Tj = 25 °C
4.5
m
Ω
IOUT = 10 A; Tj = 150 °C
9
IOUT = 10 A; VCC = 5 V;
Tj = 25 °C
6
RON REV
Reverse battery on state
resistance
VCC = -13 V; IOUT = -10 A;
Tj = 25 °C
6m
Ω
Vclamp
Clamp voltage
IS = 20 mA
41
46
52
V
IS
Supply current
Disable VDE = 0 V; VCC = 13 V;
Tj = 25 °C; VIN=x;
VOUT = VSENSE = 0 V
25
µA
Off state; VCC = 13 V;
VDE = 5 V; Tj = 25 °C;
VIN = VOUT = VSENSE = 0 V
10(1)
1.
PowerMOS leakage included.
15(1)
On state; VCC = 13 V; VDE = 5 V;
VIN = 5 V; IOUT = 0 A
24
mA
IL(off1)
Off state output current (2)
2.
For each channel.
VIN = VOUT = 0 V; VCC = 13 V;
Tj = 25 °C
00.01
3
µA
VIN = VOUT = 0 V; VCC = 13 V;
Tj = 125 °C
05
Table 6. Switching (VCC = 13 V; Tj = 25 °C)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on delay time
RL = 1.3 Ω (see Figure 6)—
30
—
µs
td(off)
Turn-off delay time
RL = 1.3 Ω (see Figure 6)—
30
—
µs
(dVOUT/dt)on Turn-on voltage slope
RL = 1.3 Ω
—
See Figure 27
—V
/µs
(dVOUT/dt)off Turn-off voltage slope
RL = 1.3 Ω
—
See Figure 28
—V
/µs
WON
Switching energy losses
during twon
RL = 1.3 Ω (see Figure 6)—
3
—
mJ
WOFF
Switching energy losses
during twoff
RL = 1.3 Ω (see Figure 6)—
1.5
—
mJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com