Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VN7007ALH Datasheet(PDF) 4 Page - STMicroelectronics

Part # VN7007ALH
Description  High-side driver with CurrentSense analog feedback
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN7007ALH Datasheet(HTML) 4 Page - STMicroelectronics

  VN7007ALH Datasheet HTML 1Page - STMicroelectronics VN7007ALH Datasheet HTML 2Page - STMicroelectronics VN7007ALH Datasheet HTML 3Page - STMicroelectronics VN7007ALH Datasheet HTML 4Page - STMicroelectronics VN7007ALH Datasheet HTML 5Page - STMicroelectronics VN7007ALH Datasheet HTML 6Page - STMicroelectronics VN7007ALH Datasheet HTML 7Page - STMicroelectronics VN7007ALH Datasheet HTML 8Page - STMicroelectronics VN7007ALH Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
List of figures
VN7007ALH
List of figures
Figure 1: Block diagram ..............................................................................................................................5
Figure 2: Configuration diagram (top view).................................................................................................6
Figure 3: Current and voltage conventions.................................................................................................7
Figure 4: Switching times and Pulse skew ...............................................................................................13
Figure 5: TDSTKON..................................................................................................................................13
Figure 6: OFF-state output current ...........................................................................................................15
Figure 7: Standby current .........................................................................................................................15
Figure 8: IGND(ON) vs. Tcase .................................................................................................................15
Figure 9: Logic Input high level voltage ....................................................................................................15
Figure 10: Logic Input low level voltage....................................................................................................15
Figure 11: High level logic input current ...................................................................................................15
Figure 12: Low level logic input current ....................................................................................................16
Figure 13: Logic Input hysteresis voltage .................................................................................................16
Figure 14: Undervoltage shutdown...........................................................................................................16
Figure 15: On-state resistance vs. Tcase .................................................................................................16
Figure 16: On-state resistance vs. VCC ...................................................................................................16
Figure 17: Turn-on voltage slope ..............................................................................................................16
Figure 18: Turn-off voltage slope ..............................................................................................................17
Figure 19: Won vs Tcase ..........................................................................................................................17
Figure 20: Woff vs Tcase ..........................................................................................................................17
Figure 21: ILIMH vs. Tcase.......................................................................................................................17
Figure 22: Turn-off output voltage clamp..................................................................................................17
Figure 23: OFF-state open-load voltage detection threshold ...................................................................17
Figure 24: Vsense clamp vs Tcase...........................................................................................................18
Figure 25: Vsenseh vs Tcase ...................................................................................................................18
Figure 26: Application diagram .................................................................................................................20
Figure 27: Simplified internal structure .....................................................................................................20
Figure 28: CurrentSense and diagnostic – block diagram........................................................................22
Figure 29: CurrentSense block diagram ...................................................................................................23
Figure 30: Analogue HSD – open-load detection in off-state ...................................................................24
Figure 31: Open-load / short to VCC condition.........................................................................................25
Figure 32: Maximum turn off current versus inductance ..........................................................................27
Figure 33: Octapak on two-layers PCB (2s0p to JEDEC JESD 51-5)......................................................28
Figure 34: Octapak on four-layers PCB (2s2p to JEDEC JESD 51-7) .....................................................28
Figure 35: Rthj-amb vs PCB copper area in open box free air conditions ...............................................29
Figure 36: Octapak thermal impedance junction ambient single pulse ....................................................29
Figure 37: Thermal fitting model for Octapak ...........................................................................................30
Figure 38: Octapak package dimensions .................................................................................................31
Figure 39: Octapack reel 13" ....................................................................................................................33
Figure 40: Octapak carrier tape ................................................................................................................34
Figure 41: Octapak schematic drawing of leader and trailer tape ............................................................34
Figure 42: Octapak marking information...................................................................................................35
4/37
DocID027958 Rev 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com