Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VND5004CSP30 Datasheet(PDF) 13 Page - STMicroelectronics

Part # VND5004CSP30
Description  Double 4m high-side driver with analog CurrentSense
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND5004CSP30 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button VND5004CSP30 Datasheet HTML 9Page - STMicroelectronics VND5004CSP30 Datasheet HTML 10Page - STMicroelectronics VND5004CSP30 Datasheet HTML 11Page - STMicroelectronics VND5004CSP30 Datasheet HTML 12Page - STMicroelectronics VND5004CSP30 Datasheet HTML 13Page - STMicroelectronics VND5004CSP30 Datasheet HTML 14Page - STMicroelectronics VND5004CSP30 Datasheet HTML 15Page - STMicroelectronics VND5004CSP30 Datasheet HTML 16Page - STMicroelectronics VND5004CSP30 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
DocID027938 Rev 2
13/28
VND5004CSP30
Electrical specifications
27
Table 11. Electrical transient requirements (part 1)
ISO 7637-2:
2004(E)
Test pulse
Test levels(1)
1.
The above test levels must be considered referred to VCC = 13.5V except for pulse 5b.
Number of
pulses or
test times
Burst cycle/pulse
repetition time
Delays and
Impedance
III
IV
1
-75 V
-100 V
5000
pulses
0.5 s
5 s
2 ms, 10
Ω
2a
+37 V
+50 V
5000
pulses
0.2 s
5 s
50 µs, 2
Ω
3a
-100 V
-150 V
1h
90 ms
100 ms
0.1 µs, 50
Ω
3b
+75 V
+100 V
1h
90 ms
100 ms
0.1 µs, 50
Ω
4
-6 V
-7 V
1 pulse
100 ms, 0.01
Ω
5b(2)
2.
Valid in case of external load dump clamp: 40V maximum referred to ground. The protection strategy
allows PowerMOS to be cyclically switched on during load dump, so distributing the load dump energy
along the time and to transfer a part of it to the load.
+65 V
+87 V
1 pulse
400 ms, 2
Ω
Table 12. Electrical transient requirements (part 2)
ISO 7637-2:
2004(E)
Test pulse
Test level results(1)
1.
The above test levels must be considered referred to VCC = 13.5V except for pulse 5b
III
IV
1C
C
2a
C
C
3a
C
C
3b
C
C
4C
C
5b(2) (3)
2.
Valid in case of external load dump clamp: 40V maximum referred to ground. The protection strategy
allows PowerMOS to be cyclically switched on during load dump, so distributing the load dump energy
along the time and to transfer a part of it to the load.
3.
Suppressed load dump (pulse 5b) is withstood with a minimum load connected as specified in Table 3.:
Absolute maximum ratings.
CC
Table 13. Electrical transient requirements (part 3)
Class
Contents
C
All functions of the device are performed as designed after exposure to disturbance.
E
One or more functions of the device are not performed as designed after exposure
to disturbance and cannot be returned to proper operation without replacing the
device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com