Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTF080901 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # PTF080901
Description  LDMOS RF Power Field Effect Transistor 90 W, 869-960 MHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTF080901 Datasheet(HTML) 2 Page - Infineon Technologies AG

  PTF080901 Datasheet HTML 1Page - Infineon Technologies AG PTF080901 Datasheet HTML 2Page - Infineon Technologies AG PTF080901 Datasheet HTML 3Page - Infineon Technologies AG PTF080901 Datasheet HTML 4Page - Infineon Technologies AG PTF080901 Datasheet HTML 5Page - Infineon Technologies AG PTF080901 Datasheet HTML 6Page - Infineon Technologies AG PTF080901 Datasheet HTML 7Page - Infineon Technologies AG PTF080901 Datasheet HTML 8Page - Infineon Technologies AG PTF080901 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Data Sheet
2
2004-04-05
PTF080901
Typical Performance (measurements taken in production test fixture)
Modulation Spectrum
POUT = 40 W, f = 959.8 MHz
0.5
0.7
0.9
1.1
1.3
1.5
1.7
1.9
2.1
0.47
0.57
0.67
0.77
0.87
0.97
Quiescent Current (A)
-100
-90
-80
-70
-60
-50
-40
-30
-20
EVM
400 KHz
600 KHz
0
1
2
3
4
5
6
7
8
9
36
38
40
42
44
46
48
50
Output Power (dBm)
0
10
20
30
40
50
60
70
80
90
EDGE EVM Performance
VDD = 28 V, IDQ = 700 mA, f = 959.8 MHz
EVM
Efficiency
DC Characteristics at TCASE = 25°C unless otherwise indicated
Characteristic
Conditions
Symbol
Min
Typ
Max
Unit
Drain–Source Breakdown Voltage
VGS = 0 V, IDS = 10 µA
V(BR)DSS
65
—
—
V
Drain Leakage Current
VDS = 28 V, VGS = 0 V
IDSS
—
—
1.0
µA
On–State Resistance
VGS = 10 V, VDS = 0.1 V
RDS(on)
—
0.1
—
V
Operating Gate Voltage
VDS = 28 V, IDQ = 650 mA
VGS
2.5
3.2
4
V
Gate Leakage Current
VGS = 10 V, VDS = 0 V
IGSS
—
—
1.0
µA
Maximum Ratings
Parameter
Symbol
Value
Unit
Drain–Source Voltage
VDSS
65
V
Gate–Source Voltage
VGS
–0.5 to +12
V
Junction Temperature
TJ
200
°C
Total Device Dissipation
PD
335
W
Above 25°C derate by
1.9
W/°C
Storage Temperature Range
TSTG
–40 to +150
°C
Thermal Resistance (TCASE = 70°C)
RθJC
0.52
°C/W
All published data at TCASE = 25°C unless otherwise indicated.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com