Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNH7070AS Datasheet(PDF) 5 Page - STMicroelectronics

Part # VNH7070AS
Description  Automotive fully integrated H-bridge motor driver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNH7070AS Datasheet(HTML) 5 Page - STMicroelectronics

  VNH7070AS Datasheet HTML 1Page - STMicroelectronics VNH7070AS Datasheet HTML 2Page - STMicroelectronics VNH7070AS Datasheet HTML 3Page - STMicroelectronics VNH7070AS Datasheet HTML 4Page - STMicroelectronics VNH7070AS Datasheet HTML 5Page - STMicroelectronics VNH7070AS Datasheet HTML 6Page - STMicroelectronics VNH7070AS Datasheet HTML 7Page - STMicroelectronics VNH7070AS Datasheet HTML 8Page - STMicroelectronics VNH7070AS Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
DocID028088 Rev 3
5/38
VNH7070AS
Block diagram and pin description
37
1
Block diagram and pin description
Figure 1. Block diagram
Table 2. Block description
Name
Description
Logic control
Allows the turn-on and the turn-off of the high-side and the
low-side switches according to the truth table.
Undervoltage
Shuts down the device for battery voltage lower than 4 V.
High-side and low-side clamp voltage
Protect the high-side and the low-side switches from the
high voltage on the battery line.
High-side and low-side driver
Drive the gate of the concerned switch to allow a proper
Ron for the leg of the bridge.
Current limitation
Limits the motor current in case of short circuit.
High-side and low-side overtemperature
protection
In case of short-circuit with the increase of the junction
temperature, it shuts down the concerned driver to prevent
degradation and to protect the die.
Low-side overload detector
Detects when low side current exceeds shutdown current
and latches off the concerned Low side.
LOGIC
V CC
OUT A
INB
IN A
GND A
CS
LS A
CLAMP HS A
LS A
HS A
HSA_OVERTEMPERATURE
HSB_OVERTEMPERATURE
UV
CURRENT
LIMITATION A
OUT B
GND B
LS B
HS B
CURRENT
DRIVER
HS A
DRIVER
LS B
DRIVER
HS B
DRIVER
CLAMP HS B
CLAMP LS B
CLAMP LS A
1/K
1/K
LIMITATION B
OVERLOAD
DETECTOR B
OVERLOAD
DETECTOR A
POWER
LIMITATION
LSB_OVERTEMPERATURE
LSA_OVERTEMPERATURE
GAPGCFT01189
Open-load
OFF-state A
MUX
SEL0
Open-load
OFF-state B
FAULT
DETECTION
PWM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com