Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNH7070ASTR Datasheet(PDF) 9 Page - STMicroelectronics

Part # VNH7070ASTR
Description  Automotive fully integrated H-bridge motor driver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNH7070ASTR Datasheet(HTML) 9 Page - STMicroelectronics

Back Button VNH7070ASTR Datasheet HTML 5Page - STMicroelectronics VNH7070ASTR Datasheet HTML 6Page - STMicroelectronics VNH7070ASTR Datasheet HTML 7Page - STMicroelectronics VNH7070ASTR Datasheet HTML 8Page - STMicroelectronics VNH7070ASTR Datasheet HTML 9Page - STMicroelectronics VNH7070ASTR Datasheet HTML 10Page - STMicroelectronics VNH7070ASTR Datasheet HTML 11Page - STMicroelectronics VNH7070ASTR Datasheet HTML 12Page - STMicroelectronics VNH7070ASTR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
DocID028088 Rev 3
9/38
VNH7070AS
Electrical specifications
37
2.3
Electrical characteristics
Values specified in this section are for VCC = 7 V up to 28 V; -40 °C < Tj < 150 °C, unless
otherwise specified.
Table 6. Power section
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VCC
Operating supply
voltage
428
V
IS
Supply current
Off-state - standby; INA =INB =0;
SEL0 = 0; PWM = 0; Tj =25°C;
VCC =13V
1µA
Off-state - standby; INA =INB =0;
SEL0 = 0; PWM = 0; VCC =13V;
Tj =85°C
1µA
Off-state - standby; INA =INB =0;
SEL0 = 0; PWM = 0; VCC =13V;
Tj = 125 °C
3µA
Off-state (no standby);
INA =INB = 0; SEL0 =5 V;
PWM = 0
24
mA
On-state: INA or INB =5 V;
PWM = 0 V or PWM=5 V;
SEL0 =X
3.5
6
mA
tD_sdby
(1)
1.
To power on the device from the standby, it is recommended to:
— toggle INA or INB from 0 to 1 first to come out from STBY mode
— toggle PWM from 0 to 1 with a delay of 20 µs
this avoids any over-stress on the device in case of existing short-to-battery.
Standby mode blanking
time
VCC =13 V;
INA =INB=PMW = 0 V;
VSEL0 from 5 V to 0 V
0.2
1
1.8
ms
RONHS
Static high-side
resistance
IOUT = 3.5 A; Tj = 25°C
42
m
Ω
IOUT = 3.5 A; Tj =-40 to 150°C
85
m
Ω
RONLS
Static low-side
resistance
IOUT = 3.5 A; Tj = 25°C
30
m
Ω
IOUT = 3.5 A; Tj = -40°C to 150°C
60
m
Ω
Vf
Free-wheeling diode
forward voltage
IOUT =-3.5 A; Tj = 150°C
0.7
0.9
V
IL(off)
Off-state output current
of one leg
INA =INB = 0; PWM = 0;
VCC =13 V; Tj =25 °C
00.5
µA
INA =INB = 0; PWM = 0;
VCC =13 V; Tj =125 °C
03
µA
IL(off_h)
Off-state output current
of one leg with other
HSD on
INA =0; INB = 5 V; PWM = 0;
VCC =13 V
20
60
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com