Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE518C Datasheet(PDF) 4 Page - ACE Technology Co., LTD.

Part # ACE518C
Description  1A Ultra-Low Vin Low Dropout Voltage Linear Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE518C Datasheet(HTML) 4 Page - ACE Technology Co., LTD.

  ACE518C Datasheet HTML 1Page - ACE Technology Co., LTD. ACE518C Datasheet HTML 2Page - ACE Technology Co., LTD. ACE518C Datasheet HTML 3Page - ACE Technology Co., LTD. ACE518C Datasheet HTML 4Page - ACE Technology Co., LTD. ACE518C Datasheet HTML 5Page - ACE Technology Co., LTD. ACE518C Datasheet HTML 6Page - ACE Technology Co., LTD. ACE518C Datasheet HTML 7Page - ACE Technology Co., LTD. ACE518C Datasheet HTML 8Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ACE518C
1A Ultra-Low Vin Low Dropout Voltage Linear Regulator
VER 1.1
4
Electrical Characteristics
Test Conditions: CIN=4.7uF,COUT=4.7uF,TA=25℃, unless otherwise specified
Note: *Iout=500mA@Vout=1.2V
**The maximum power rating of each package is a constant, so along with the change of ILOAD, the VDD-VOUT
should be controlled to a certain range to ensure the normal operation.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VDD
Input Voltage
1.5*
6
V
VOUT
Output
Voltage
VOUT>1.5
VDD=Set VOUT+1V
1mA≤IOUT≤10mA
VOUT
X0.98
VOUT
VOUT
X1.02
V
VOUT<=1.5
VOUT
-0.03
VOUT
+0.03
IOUT (Max.) **
Maximum Output Current
VDD-VOUT=1V
1
A
VDROP
Dropout Voltage
VOUT=3.3V, IOUT=1A
300
500
mV
△Vout
△Vin-Vout
Line Regulation
IOUT=10mA, 4V≤VDD≤6V
0.05
0.2
%/V
△Vout  Load Regulation
VDD=Set VOUT+1V
1mA≤I
OUT
≤2.5A
30
60
mV
Is
Supply Current
VDD=Set VOUT+1V,VOUT Floating
100
150
uA
△Vout
△T*Vout
Output Voltage
Temperature Coefficient
IOUT=10mA
±100
ppm/℃
PSRR
Ripple Rejection
f=100Hz,Ripple=0.5Vp-p,
VPP=Set VOUT+1V
65
dB
en
Output Noise
BW=10Hz~100kHz
44
uVrms



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com