Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74F20 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 74F20
Description  Dual 4-Input NAND Gate
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

74F20 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  74F20 Datasheet HTML 1Page - National Semiconductor (TI) 74F20 Datasheet HTML 2Page - National Semiconductor (TI) 74F20 Datasheet HTML 3Page - National Semiconductor (TI) 74F20 Datasheet HTML 4Page - National Semiconductor (TI) 74F20 Datasheet HTML 5Page - National Semiconductor (TI) 74F20 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLF9462
November 1994
54F74F20
Dual 4-Input NAND Gate
General Description
This device contains two independent gates each of which
performs the logic NAND function
Commercial
Military
Package
Package Description
Number
74F20PC
N14A
14-Lead (0300 Wide) Molded Dual-In-Line
54F20DM (Note 2)
J14A
14-Lead Ceramic Dual-In-Line
74F20SC (Note 1)
M14A
14-Lead (0150 Wide) Molded Small Outline JEDEC
74F20SJ (Note 1)
M14D
14-Lead (0300 Wide) Molded Small Outline EIAJ
54F20FM (Note 2)
W14B
14-Lead Cerpack
54F20LM (Note 2)
E20A
20-Lead Ceramic Leadless Chip Carrier Type C
Note 1
Devices also available in 13
reel Use suffix e SCX and SJX
Note 2
Military grade device with environmental and burn-in processing Use suffix e DMQB FMQB and LMQB
Logic Symbol
IEEEIEC
TLF9462 – 3
Connection Diagrams
Pin Assignment
for DIP SOIC and Flatpak
TLF9462 – 2
Pin Assignment
for LCC
TLF9462 – 1
Unit LoadingFan Out
54F74F
Pin Names
Description
UL
Input IIH IIL
HIGHLOW
Output IOH IOL
An Bn Cn Dn
Inputs
1010
20 mA b06 mA
On
Outputs
50333
b
1 mA20 mA
TRI-STATE
is a registered trademark of National Semiconductor Corporation
C1995 National Semiconductor Corporation
RRD-B30M75Printed in U S A


Similar Part No. - 74F20

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F20 PHILIPS-74F20 Datasheet
68Kb / 8P
Dual 4-input NAND gate
1989 Mar 03
logo
Fairchild Semiconductor
74F20 FAIRCHILD-74F20 Datasheet
48Kb / 4P
Dual 4-Input NAND Gate
74F20PC FAIRCHILD-74F20PC Datasheet
48Kb / 4P
Dual 4-Input NAND Gate
74F20SC FAIRCHILD-74F20SC Datasheet
48Kb / 4P
Dual 4-Input NAND Gate
74F20SJ FAIRCHILD-74F20SJ Datasheet
48Kb / 4P
Dual 4-Input NAND Gate
More results

Similar Description - 74F20

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS22 MOTOROLA-SN54LS22 Datasheet
121Kb / 4P
DUAL 4-INPUT NAND GATE
logo
NXP Semiconductors
74ALS20A PHILIPS-74ALS20A Datasheet
85Kb / 7P
Dual 4-Input NAND gate
1996 Jul 01
74F20 PHILIPS-74F20 Datasheet
68Kb / 8P
Dual 4-input NAND gate
1989 Mar 03
74HC20 PHILIPS-74HC20 Datasheet
34Kb / 6P
Dual 4-input NAND gate
December 1990
logo
STMicroelectronics
74VHC20 STMICROELECTRONICS-74VHC20 Datasheet
51Kb / 7P
DUAL 4-INPUT NAND GATE
Jun-1999
M74HC20 STMICROELECTRONICS-M74HC20 Datasheet
172Kb / 8P
DUAL 4-INPUT NAND GATE
Jul-2001
logo
Fairchild Semiconductor
74AC20 FAIRCHILD-74AC20 Datasheet
81Kb / 7P
Dual 4-Input NAND Gate
DM74LS20 FAIRCHILD-DM74LS20 Datasheet
45Kb / 4P
Dual 4-Input NAND Gate
74AC20 FAIRCHILD-74AC20_05 Datasheet
99Kb / 7P
Dual 4-Input NAND Gate
logo
ON Semiconductor
MC74HCT20A ONSEMI-MC74HCT20A Datasheet
121Kb / 6P
Dual 4-Input NAND Gate
March, 2011 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com