Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE2006M Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE2006M
Description  N-Channel 60-V MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE2006M Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE2006M Datasheet HTML 1Page - ACE Technology Co., LTD. ACE2006M Datasheet HTML 2Page - ACE Technology Co., LTD. ACE2006M Datasheet HTML 3Page - ACE Technology Co., LTD. ACE2006M Datasheet HTML 4Page - ACE Technology Co., LTD. ACE2006M Datasheet HTML 5Page - ACE Technology Co., LTD. ACE2006M Datasheet HTML 6Page - ACE Technology Co., LTD. ACE2006M Datasheet HTML 7Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
ACE2006M
N-Channel 60-V MOSFET
VER 1.1
1
Description
ACE2006M uses advanced trench technology to provide excellent RDS(ON).
This device particularly suits for low voltage application such as power management of desktop
computer or notebook computer power management, DC/DC converter.
Features
• Low r
DS(on) trench technology
• Low thermal impedance
• Fast switching speed
Applications:
• White LED boost converters
• Automotive Systems
• Industrial DC/DC Conversion Circuits
Absolute Maximum Ratings
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
60
V
Gate-Source Voltage
VGS
±20
V
Continuous Drain Current
TC=25°C
ID
19
A
Pulsed Drain Current
b
IDM
75
A
Continuous Source Current (Diode Conduction)
a
IS
42
A
Power Dissipation
TC=25°C
PD
50
W
Operating Junction and Storage Temperature Range
TJ, Tstg
-55 to 150
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Maximum Unit
Maximum Junction-to-Ambient
a
RθJA
40
°C/W
Maximum Junction-to-Case
RθJC
3
Notes
a. Surface Mounted on 1” x 1” FR4 Board, drain pad using 2 oz copper, value dependent on PC board thermal characteristics.
b. Pulse width limited by maximum junction temperature.


Similar Part No. - ACE2006M

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE2010M ACE-ACE2010M Datasheet
365Kb / 5P
P-Channel -100V MOSFET
VER 1.1
ACE2020M ACE-ACE2020M Datasheet
536Kb / 7P
N-Channel 200-V MOSFET
VER 1.1
More results

Similar Description - ACE2006M

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE1106M ACE-ACE1106M Datasheet
457Kb / 7P
N-Channel 60-V MOSFET
VER 1.1
ACE9060M ACE-ACE9060M Datasheet
469Kb / 7P
N-Channel 60-V MOSFET
VER 1.1
ACE2358M ACE-ACE2358M Datasheet
460Kb / 7P
N-Channel 60-V MOSFET
VER 1.1
ACE2398M ACE-ACE2398M Datasheet
448Kb / 7P
N-Channel 60-V MOSFET
VER 1.1
ACE9006M03N ACE-ACE9006M03N Datasheet
718Kb / 7P
N-Channel 60-V MOSFET
VER 1.1
logo
Nexperia B.V. All right...
PMV450ENEA NEXPERIA-PMV450ENEA Datasheet
733Kb / 16P
60 V, N-channel Trench MOSFET
PMN230ENEA NEXPERIA-PMN230ENEA Datasheet
270Kb / 14P
60 V, N-channel Trench MOSFET
26 April 2019
PMN40SNA NEXPERIA-PMN40SNA Datasheet
288Kb / 15P
60 V, N-channel Trench MOSFET
8 April 2021
PMCM950ENE NEXPERIA-PMCM950ENE Datasheet
475Kb / 14P
60 V, N-channel Trench MOSFET
13 May 2019
PMN120ENE NEXPERIA-PMN120ENE Datasheet
270Kb / 15P
60 V, N-channel Trench MOSFET
14 December 2017
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com