Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE2302M Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE2302M
Description  N-Channel 20-V MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE2302M Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE2302M Datasheet HTML 1Page - ACE Technology Co., LTD. ACE2302M Datasheet HTML 2Page - ACE Technology Co., LTD. ACE2302M Datasheet HTML 3Page - ACE Technology Co., LTD. ACE2302M Datasheet HTML 4Page - ACE Technology Co., LTD. ACE2302M Datasheet HTML 5Page - ACE Technology Co., LTD. ACE2302M Datasheet HTML 6Page - ACE Technology Co., LTD. ACE2302M Datasheet HTML 7Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
ACE2302M
N-Channel 20-V MOSFET
VER 1.1
1
Description
ACE2302M uses advanced trench technology to provide excellent RDS(ON).
This device particularly suits for low voltage application such as power management of desktop
computer or notebook computer power management, DC/DC converter.
Features
• Low r
DS(on) trench technology
• Low thermal impedance
• Fast switching speed
Applications
• White LED boost converters
• Automotive Systems
• Industrial DC/DC Conversion Circuits
Absolute Maximum Ratings
Parameter
Symbol
Limit
Units
Drain-Source Voltage
VDS
20
V
Gate-Source Voltage
VGS
±8
V
Continuous Drain Current
a
TA=25℃
ID
3.4
A
TA=70℃
2.7
Pulse Drain Current
b
IDM
10
A
Continuous Source Current (Diode Conduction)
a
IS
1.6
A
Power Dissipation
a
TA=25℃
PD
1.3
W
TA=70℃
0.8
Operating Temperature / Storage Temperature
TJ/TSTG
-55/150
OC
*1 Pw ≦
10 μs, Duty cycle ≦1 %
*2 When mounted on a 1*0.75*0.062 inch glass epoxy board%
THERMAL RESISTANCE RATINGS
Parameter
Symbol Maximum
Units
Maximum Junction-to-Ambient
a
t <= 10 sec
RθJA
100
OC/W
Steady State
166


Similar Part No. - ACE2302M

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE2302 ACE-ACE2302 Datasheet
205Kb / 7P
N-Channel Enhancement Mode MOSFET
VER 1.2
ACE2302 ACE-ACE2302 Datasheet
428Kb / 7P
N-Channel Enhancement Mode MOSFET
VER 1.3
ACE2302B ACE-ACE2302B Datasheet
649Kb / 6P
N-Channel Enhancement Mode MOSFET
VER 1.2
logo
VBsemi Electronics Co.,...
ACE2302BBM+H VBSEMI-ACE2302BBM+H Datasheet
2Mb / 9P
N-Channel 20 V (D-S) MOSFET
ACE2302BBM-H VBSEMI-ACE2302BBM-H Datasheet
2Mb / 9P
N-Channel 20 V (D-S) MOSFET
More results

Similar Description - ACE2302M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TN0205A VISHAY-TN0205A Datasheet
33Kb / 4P
N-Channel 20-V MOSFET
16-Jul-01
TN0201K VISHAY-TN0201K Datasheet
178Kb / 3P
N-Channel 20-V MOSFET
14-Jun-04
TN0205A-T1 VISHAY-TN0205A-T1 Datasheet
46Kb / 5P
N-Channel 20-V MOSFET
16-Jul-01
logo
NXP Semiconductors
PMZ600UNE PHILIPS-PMZ600UNE_15 Datasheet
240Kb / 15P
20 V, N-channel Trench MOSFET
26 June 2014
logo
Vishay Telefunken
SI4204DY TFUNK-SI4204DY Datasheet
263Kb / 10P
Dual N-Channel 20 V MOSFET
logo
ACE Technology Co., LTD...
ACE1420M ACE-ACE1420M Datasheet
486Kb / 7P
N-Channel 20-V MOSFET
VER 1.1
ACE2320M ACE-ACE2320M Datasheet
486Kb / 7P
N-Channel 20-V MOSFET
VER 1.1
logo
NXP Semiconductors
PMZ130UNE NXP-PMZ130UNE Datasheet
233Kb / 14P
20 V, N-channel Trench MOSFET
12 March 2015
logo
Nexperia B.V. All right...
PMN16XNE NEXPERIA-PMN16XNE Datasheet
737Kb / 16P
20 V, N-channel Trench MOSFET
PMPB20XNEA NEXPERIA-PMPB20XNEA Datasheet
739Kb / 16P
20 V, N-channel Trench MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com