Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GOT815-834-R-DC Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # GOT815-834-R-DC
Description  Water/dust/corrosion-proof design IP66/IP69K
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

GOT815-834-R-DC Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  GOT815-834-R-DC Datasheet HTML 1Page - Axiomtek Co., Ltd. GOT815-834-R-DC Datasheet HTML 2Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
563
* All specifications and photos are subject to change without notice.
GOT815-834
Features
15" XGA TFT IP66-rated Stainless Steel
Fanless PCT (or Resistive Touch) Panel
Computer with Flat Bezel Design with
Intel® Atom™ Processor E3827
(-20°C ~ +55°C)
15" XGA TFT LCD flat bezel-projected capacitive
(or resistive) touch
Water/dust/corrosion-proof design IP66/IP69K (NEMA4X)
Full stainless steel enclosure with type 316
Wide operating temperature range of -20°C ~ +55°C
Fanless system with Intel® Atom™ processor E3827 1.75 GHz
Wireless network connectivity
Flexible and expandable with variety of M12 type I/O
connections
Wide range DC 9~36V
Supports suspension and VESA mount
M12 type connectors for harsh environments
Introduction
Specifications
The 15-inch GOT815 is specially designed for food processing applications. Its IP66-rating
stainless steel housing protects entire system from damage of water, powder and dust.
It also outfits wide operating temperature range of -20°C ~ +55°C. Thus, this robust unit
is best suited for extreme humility, dusty or wet spaces in food factories or kitchens and
more harsh applications.
IP66-sealed system
The GOT815 adopts a water/dust-proof housing design and five IP66-rated connectors. It
passes entire system IP66 test by SGS and verified salt mist test.
Full IP66 and IP69K compliance
Full IP66 rating, M12 I/O connectors and IP69K compliance that ensures the product’s
ability to resist ingress of high temperature and high pressure water and was tested by
a spray nozzle with high temperature water (80°C) and a flow rate of 14–16 L/min and
a nozzle hold with distance 10-15cm away from the device at angles of 0°, 30°, 60° and
90° for 30 seconds, GOT815 is qualified to meet harsh environment applications.
Wide temp. (-20°C ~ +55°C) & anti-vibration (2G) design
The industrial touch panel PC supports wide temperature of -20°C ~ +55°C. Besides, the
patent of anti-vibration for SSD ensures system reliability and stability.
Enclosure
Stainless type 316
LCD Panel
Display Type
15" XGA TFT LCD
Brightness (cd/m
2)
420 nits
Resolution
1024 x 768
Viewing Angle (H/V) 160°/160°
Main System
CPU
Intel® Atom™ processor E3827
1.75 GHz (Bay Trail)
Chipset
SoC Intergrated
System Memory
1 x 204-pin DDR3L SO-DIMM max.
up to 8 GB
BIOS
AMI with Axiomtek standard
features; such as, SmartView,
Ethernet
Boot ROM (RPL & PXE), customer
CMOS backup
Storage
1 x 2.5" SSD
1 x CFast™
Watchdog Timer
255 levels, 1~255 sec.
Onboard Graphics
Integrated in Intel® GFX
Fanless
Ext. Temp
IP66
Low Power
M12 Connector
DDR3
DDR3
DDR3
IP69K
1. Backlight switch
2. Brightness adjust
3. Power switch (ATX)
4. DC power connector (A-coded)
5. COM 1 (RS-232/422/485) (A-coded)
6. COM 2 (RS-232/422/485) (A-coded)
7. Ethernet (X-coded)
8. USB 2.0 x 2 (A-coded)
9. USB 2.0 x 2 (A-coded)
Side view
1
2
3
4
5 6 7
8
waterproof, dust proof
ventilation valve
9
NEW


Similar Part No. - GOT815-834-R-DC

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
GOT815-834 AXIOMTEK-GOT815-834_17 Datasheet
391Kb / 2P
15 XGA TFT IP66 & IP69K-rated Stainless Steel Fanless PCT (or Resistive Touch)
More results

Similar Description - GOT815-834-R-DC

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SPVQ6 ALPS-SPVQ6 Datasheet
188Kb / 3P
Water-proof Type
logo
List of Unclassifed Man...
SPL00501031ST ETC2-SPL00501031ST Datasheet
436Kb / 5P
Linear Position Sensor- IP65 Dust Proof, Water Proof (Intense Spray)
logo
Axiomtek Co., Ltd.
DSB-300 AXIOMTEK-DSB-300 Datasheet
244Kb / 1P
Sn Dust-proof design
logo
TOKO, Inc
STA8121 TOKO-STA8121 Datasheet
118Kb / 1P
Dust and Water proof structure
logo
ALPS ELECTRIC CO.,LTD.
SPVQA ALPS-SPVQA Datasheet
1Mb / 5P
Water-proof Type
logo
ETAL Group
HPR ETAL-HPR Datasheet
553Kb / 4P
water-proof and dust-proof
MPR10 ETAL-MPR10 Datasheet
553Kb / 4P
water-proof and dust-proof
logo
Omron Electronics LLC
EE-SX1161-W11 OMRON-EE-SX1161-W11 Datasheet
180Kb / 2P
Dust-proof model.
EE-SX3161-W11 OMRON-EE-SX3161-W11 Datasheet
211Kb / 2P
Dust-proof model
logo
CIT Relay & Switch
ST5.0LF160Q CIT-ST5.0LF160Q_V01 Datasheet
280Kb / 2P
Dust Proof Tactile
Rev C 11/2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com