Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GOT817-834-R-DC Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # GOT817-834-R-DC
Description  Full stainless steel enclosure with type 316
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

GOT817-834-R-DC Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  GOT817-834-R-DC Datasheet HTML 1Page - Axiomtek Co., Ltd. GOT817-834-R-DC Datasheet HTML 2Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
561
* All specifications and photos are subject to change without notice.
GOT817-834
NEW
Features
17" SXGA TFT IP66-rated Stainless Steel
Fanless PCT (or Resistive Touch) Panel
Computer with Intel® Atom™ Processor
E3827 and Flat Bezel Design
(-20°C ~ +55°C)
● 17" SXGA TFT LCD flat bezel-projected capacitive
(or resistive) touch
● IP66/IP69K-rated (NEMA4X) water/dust/corrosion-proof
design
● Full stainless steel enclosure with type 316
● Wide operating temperature range of -20°C ~ +55°C
● Fanless system with Intel® Atom™ processor E3827 1.75 GHz
● Wireless network connectivity
● Wide range 12~36VDC
● Supports suspension and VESA mount
● M12 type I/O connectors for harsh environments
Introduction
Specifications
The 17-inch GOT817-834 is specially designed for food processing applications. Its IP66-
rated stainless steel housing protects entire system from damage of water, powder and
dust. It also outfits wide operating temperature range of -20°C ~ +55°C. Thus, this robust
unit is best suited for extreme humility, dusty or wet spaces in food factories or kitchens
and more harsh applications.
IP66-sealed system
The Axiomtek stainless touch panel PC GOT817-834 adopts a water/dust-proof housing
design and five IP66-rated M12 connectors. It passes IP66 test by SGS and verified salt
mist test.
Full IP66 and IP69K compliance
Full NEMA4/IP66-rated, M12 I/O connectors and IP69K compliance that ensures the
product’s ability to resist ingress of high temperature and high pressure water. The
Axiomtek GOT817-834 was tested by a spray nozzle with high temperature water (80°C)
and a flow rate of 14–16 L/min and a nozzle hold with distance 10-15cm away from the
device at angles of 0°, 30°, 60° and 90° for 30 seconds. The outstanding 17” stainless
touch panel PC is qualified to meet harsh environment applications.
Wide temp. (-20°C ~ +55°C) & anti-vibration (2G) design
The rugged 17” industrial stainless touch panel PC GOT817-834 supports wide
temperature range from -20°C to +55°C and a-coded M12 connectors. Besides, the
patent of anti-vibration for SSD ensures system reliability and stability for mission-critical
environment.
Enclosure
Stainless type 316
LCD Panel
Display Type
17" SXGA TFT LCD
Brightness (cd/m
2)
350 nits
Resolution
1280 x 1024
Viewing Angle (H/V) 170°/160°
Main System
CPU
Intel® Atom™ processor E3827
1.75 GHz (Bay Trail)
Chipset
SoC Integrated
System Memory
1 x 204-pin DDR3L SO-DIMM max.
up to 8 GB
BIOS
AMI with Axiomtek standard
features; such as, SmartView,
Ethernet
Boot ROM (RPL & PXE), customer
CMOS backup
Storage
1 x 2.5" SSD
1 x CFast™
Watchdog Timer
255 levels, 1~255 sec.
Onboard Graphics
Integrated in Intel® GFX
Fanless
Ext. Temp
IP66
Low Power
M12 Connector
DDR3
DDR3
DDR3
IP69K
1. Backlight switch
2. Brightness adjust
3. Power switch (ATX)
4. DC power connector (A-coded M12)
5. COM 1 (RS-232/422/485) (A-coded M12)
6. COM 2 (RS-232/422/485) (A-coded M12)
7. Ethernet (X-coded)
8. USB 2.0 x 2 (A-coded M12)
9. USB 2.0 x 2 (A-coded M12)
Side view
1
2
3
4
5 6 7
8
waterproof, dustproof
ventilation valve
9
Updated March 3, 2016.


Similar Part No. - GOT817-834-R-DC

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
GOT817-834 AXIOMTEK-GOT817-834_17 Datasheet
591Kb / 2P
17 SXGA TFT IP66 & IP69K-rated Stainless Steel Fanless PCT (or Resistive Touch)
More results

Similar Description - GOT817-834-R-DC

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
1418N4SSB6 HAMMOND-1418N4SSB6 Datasheet
221Kb / 3P
Type 4X Stainless Steel Wallmount Enclosure 1418 N4
HWSSHK HAMMOND-HWSSHK Datasheet
766Kb / 4P
Stainless Steel Wallmount Enclosure
logo
Axiomtek Co., Ltd.
GOT812LR-832 AXIOMTEK-GOT812LR-832 Datasheet
431Kb / 2P
Type 316 stainless steel front bezel
GOT812LR-834 AXIOMTEK-GOT812LR-834_16 Datasheet
422Kb / 2P
Type 316 stainless steel front bezel
logo
Ralston Instruments.
QTFT-2MS1 RALSTON-QTFT-2MS1_19 Datasheet
496Kb / 1P
Stainless Steel
QTFT-3MS1 RALSTON-QTFT-3MS1_19 Datasheet
440Kb / 1P
Stainless Steel
QTHA-3MS0 RALSTON-QTHA-3MS0_19 Datasheet
464Kb / 1P
Stainless Steel
QTHA-2FS1 RALSTON-QTHA-2FS1_19 Datasheet
285Kb / 1P
Stainless Steel.
logo
PANDUIT CORP.
MLT2S-CP316 PANDUIT-MLT2S-CP316 Datasheet
217Kb / 1P
METAL LOCKING TIE STANDARD SERIES 316 STAINLESS STEEL
logo
Hammond Manufacturing L...
HWST363016SS HAMMOND-HWST363016SS Datasheet
158Kb / 2P
IP69K/Type 4X Stainless Steel Wallmount Enclosure
1/9/22
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com