Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GOT817-834-R-RF-DC Datasheet(PDF) 2 Page - Axiomtek Co., Ltd.

Part # GOT817-834-R-RF-DC
Description  Full stainless steel enclosure with type 316
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

GOT817-834-R-RF-DC Datasheet(HTML) 2 Page - Axiomtek Co., Ltd.

  GOT817-834-R-RF-DC Datasheet HTML 1Page - Axiomtek Co., Ltd. GOT817-834-R-RF-DC Datasheet HTML 2Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
562
Overview
Fanless
Touch Panel
Computers
Heavy-duty
Fanless Touch
Panel Computers
Industrial
Touch Panel
Computers
Industrial Touch
panel Monitors
Infotainment
Touch Panel
Computers
Open
Frame Panel
Computers
Healthcare
& Medical
Solutions
Accessories
2
axiomtek.com
© 2016 Axiomtek Co., Ltd. All rights reserved.
* All specifications and photos are subject to change without notice.
Ordering Information
Specifications
I/O Connector
2 x RS-232/422/485 (default RS-232, A-Coded)
4 x USB 2.0 (A-Coded)
1 x 10/100/1000Mbps Ethernet (X-Coded)
Expansion Interface
2 x PCIe Mini Card slot
Touchscreen
5-wire resistive touch or projected capacitive multi-touch
Power Supply
Power input 12~36VDC
Dimensions
415.92 mm (16.37”) (W) x 54.96 mm (2.16”) (D) x 348.34 mm
(13.71”) (H)
Packing Dimensions
250 mm (9.84”) (W) x 585 mm (23.03”) (D) x 615 mm (24.21”) (H)
Weight (net/gross)
7.04 kg(15.52 lb)/10.3 kg (22.71 lb)
Environment
Operating temperature: -20°C ~ +55°C (-4°F ~ +131°F)
Storage Temperature: -30°C ~ +70°C (-22°F ~ +158°F)
Relative humidity: 10% ~ 95% @ 40°C, non-condensing
Operation vibration:
2G, 5 ~ 500Hz, random for 2.5" SSD
2G, 5 ~ 500Hz, random for CFast™
Certificate
CE
* W.T.: Wide Temperature. All W.T. supported products have to be sorted by Axiomtek.
Sunlight readable type
GOT817-834-C-DC
17" SXGA fanless IP66-rated stainless steel touch panel
computer with Intel® Atom™ E3827, projected capacitive
touch screen, 12~36VDC power input, flat-bezel design and
Wi-Fi or 3G
GOT817-834-C-RF-DC
17" SXGA fanless IP66-rated stainless steel touch panel
computer with Intel® Atom™ E3827, projected capacitive
touch screen, 12~36VDC power input, flat-bezel design and
Wi-Fi or 3G
GOT817-834-R-DC
17" SXGA fanless IP66-rated stainless steel touch panel
computer with Intel® Atom™ E3827, 5-wire flat resistive
touch screen, 12~36VDC power input, flat-bezel design and
Wi-Fi or 3G
GOT817-834-R-RF-DC
17" SXGA fanless IP66-rated stainless steel touch panel
computer with Intel® Atom™ E3827, 5-wire flat resistive
touch screen, 12~36VDC power input, flat-bezel design and
Wi-Fi or 3G
* Specification and certifications are based on options and may vary.
Optional Accessories
Optional EOS Installation
Optional OS Installation
594B8122100E
Water-proof COM port cable (1.8 m)
594B8122820E
Water-proof USB cable (1.8 m)
594B8152710E
Water-proof LAN cable (1.8 m)
50964A23000E
72W/24V power adapter with M12 connector
WES 7
WE8S
Windows® 7
Windows® 8/8.1
Dimensions
Updated March 03 2016.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com