Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNQ7050AJ Datasheet(PDF) 13 Page - STMicroelectronics

Part # VNQ7050AJ
Description  Quad channel high-side driver with CurrentSense analog feedback
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNQ7050AJ Datasheet(HTML) 13 Page - STMicroelectronics

Back Button VNQ7050AJ Datasheet HTML 9Page - STMicroelectronics VNQ7050AJ Datasheet HTML 10Page - STMicroelectronics VNQ7050AJ Datasheet HTML 11Page - STMicroelectronics VNQ7050AJ Datasheet HTML 12Page - STMicroelectronics VNQ7050AJ Datasheet HTML 13Page - STMicroelectronics VNQ7050AJ Datasheet HTML 14Page - STMicroelectronics VNQ7050AJ Datasheet HTML 15Page - STMicroelectronics VNQ7050AJ Datasheet HTML 16Page - STMicroelectronics VNQ7050AJ Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
VNQ7050AJ
Electrical specification
Symbol
Parameter
Test conditions
Min. Typ. Max. Unit
tDSTKON
OFF-state diagnostic delay
time from falling edge of
INPUT (see Figure 6:
"TDSKON")
VSEn = 5 V; ChX ON to OFF
transition;
ChX diagnostic selected:
•
E.g: Ch0
VIN0 = 5 V to 0 V;
VSEL0,1 = 0 V; VOUT0 = 4 V;
IOUT0 = 0 A
100
350
700
µs
tD_OL_V
Settling time for valid OFF-
state open-load diagnostic
indication from rising edge
of SEn
VIN0,1,2,3 = 0 V; VFR = 0 V;
VSEL0,1 = 0 V; VOUT0 = 4 V;
VSEn = 0 V to 5 V
60
µs
tD_VOL
OFF-state diagnostic delay
time from rising edge of
VOUT
VSEn = 5 V; ChX OFF;
ChX diagnostic selected:
•
E.g: Ch0
VIN0 = 0 V; VSEL0,1 = 0 V;
VOUT0 = 0 V to 4 V
5
30
µs
Fault diagnostic feedback (see Table 10: "Truth table")
VSENSEH
Current sense output
voltage in fault condition
VCC = 13 V; RSENSE = 1
kΩ
•
E.g: Ch0 in open load
VIN0 = 0 V; VSEn = 5 V;
VSEL0,1 = 0 V; IOUT0 = 0 A;
VOUT0 = 4 V
5
6.6
V
ISENSEH
Current sense output
current in fault condition
VCC = 13 V; VSENSE = 5 V
7
20
30
mA
Current sense timings (current sense mode - see Figure 5: "Current sense timings (current
sense mode)")
tDSENSE1H
Current sense settling time
from rising edge of SEn
VIN = 5 V; VSEn = 0 V to 5 V;
RSENSE = 1
kΩ; RL = 6.5 Ω
60
µs
tDSENSE1L
Current sense disable
delay time from falling edge
of SEn
VSEn = 5 V to 0 V;
RSENSE = 1
kΩ; RL = 6.5 Ω
5
20
µs
tDSENSE2H
Current sense settling time
from rising edge of INPUT
VIN = 0 V to 5 V; VSEn = 5 V;
RSENSE = 1
kΩ; RL = 6.5 Ω
100
250
µs
ΔtDSENSE2H
Current sense settling time
from rising edge of IOUT
(dynamic response to a
step change of IOUT)
VIN = 5 V; VSEn = 5 V;
RSENSE = 1
kΩ;
ISENSE = 90 % of ISENSEMAX;
RL = 6.5
Ω
100
µs
tDSENSE2L
Current sense turn-off
delay time from falling edge
of INPUT
VIN = 5 V to 0 V; VSEn = 5 V;
RSENSE = 1
kΩ; RL = 6.5 Ω
50
250
µs
Notes:
(1)Parameter defined by design. Not subject to production test.
(2)All values refer to VCC = 13 V; Tj = 25°C, unless otherwise specified.
DocID027405 Rev 1
13/42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com