Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74F253SJ Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 74F253SJ
Description  Dual 4-Input Multiplexer with TRI-STATE Outputs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

74F253SJ Datasheet(HTML) 1 Page - National Semiconductor (TI)

  74F253SJ Datasheet HTML 1Page - National Semiconductor (TI) 74F253SJ Datasheet HTML 2Page - National Semiconductor (TI) 74F253SJ Datasheet HTML 3Page - National Semiconductor (TI) 74F253SJ Datasheet HTML 4Page - National Semiconductor (TI) 74F253SJ Datasheet HTML 5Page - National Semiconductor (TI) 74F253SJ Datasheet HTML 6Page - National Semiconductor (TI) 74F253SJ Datasheet HTML 7Page - National Semiconductor (TI) 74F253SJ Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TLF9505
November 1994
54F74F253
Dual 4-Input Multiplexer with TRI-STATE
Outputs
General Description
The ’F253 is a dual 4-input multiplexer with TRI-STATE
outputs It can select two bits of data from four sources
using common select inputs The output may be individually
switched to a high impedance state with a HIGH on the
respective Output Enable (OE) inputs allowing the outputs
to interface directly with bus oriented systems
Features
Y
Multifunction capability
Y
Non-inverting TRI-STATE outputs
Y
Guaranteed 4000V minimum ESD protection
Commercial
Military
Package
Package Description
Number
74F253PC
N16E
16-Lead (0300 Wide) Molded Dual-In-Line
54F253DM (Note 2)
J16A
16-Lead Ceramic Dual-In-Line
74F253SC (Note 1)
M16A
16-Lead (0150 Wide) Molded Small Outline JEDEC
74F253SJ (Note 1)
M16D
16-Lead (0300 Wide) Molded Small Outline EIAJ
54F253FM (Note 2)
W16A
16-Lead Cerpack
54F253LL (Note 2)
E20A
20-Lead Ceramic Leadless Chip Carrier Type C
Note 1
Devices also available in 13
reel Use suffix e SCX and SJX
Note 2
Military grade device with environmental and burn-in processing Use suffix e DMQB FMQB and LMQB
Logic Symbols
TLF9505 – 3
IEEEIEC
TLF9505 – 5
Connection Diagrams
Pin Assignment for
DIP SOIC and Flatpak
TLF9505 – 1
Pin Assignment
for LCC
TLF9505 – 2
TRI-STATE
is a registered trademark of National Semiconductor Corporation
C1995 National Semiconductor Corporation
RRD-B30M75Printed in U S A


Similar Part No. - 74F253SJ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74F253SJ FAIRCHILD-74F253SJ Datasheet
58Kb / 6P
Dual 4-Input Multiplexer with 3-STATE Outputs
74F253SJ FAIRCHILD-74F253SJ Datasheet
80Kb / 7P
Dual 4-Input Multiplexer with 3-STATE Outputs
More results

Similar Description - 74F253SJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54AC253 NSC-54AC253 Datasheet
153Kb / 8P
Dual 4-Input Multiplexer with TRI-STATE Outputs
54AC257 NSC-54AC257 Datasheet
120Kb / 8P
Quad 2-Input Multiplexer with TRI-STATE Outputs
54AC258 NSC-54AC258 Datasheet
143Kb / 8P
Quad 2-Input Multiplexer with TRI-STATE Outputs
54F251ADM NSC-54F251ADM Datasheet
165Kb / 8P
8-Input Multiplexer with TRI-STATE Outputs
54F257ADM NSC-54F257ADM Datasheet
157Kb / 8P
Quad 2-Input Multiplexer with TRI-STATE Outputs
MN54AC258-X NSC-MN54AC258-X Datasheet
17Kb / 7P
Quad 2 Input Multiplexer With TRI - STATE Outputs
DM74LS353 NSC-DM74LS353 Datasheet
106Kb / 6P
Dual 4-Input Multiplexer with TRI-STATE-R Outputs
MN54AC251-X NSC-MN54AC251-X Datasheet
33Kb / 7P
8-Input Multiplexer With TRI-STATE Outputs
logo
Texas Instruments
54AC253 TI1-54AC253 Datasheet
198Kb / 10P
Dual 4-Input Multiplexer with TRI-STATE Outputs
54AC257 TI1-54AC257 Datasheet
128Kb / 8P
Quad 2-Input Multiplexer with TRI-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com