Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74F258APC Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 74F258APC
Description  Quad 2-Input Multiplexer with TRI-STATE Outputs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

74F258APC Datasheet(HTML) 4 Page - National Semiconductor (TI)

  74F258APC Datasheet HTML 1Page - National Semiconductor (TI) 74F258APC Datasheet HTML 2Page - National Semiconductor (TI) 74F258APC Datasheet HTML 3Page - National Semiconductor (TI) 74F258APC Datasheet HTML 4Page - National Semiconductor (TI) 74F258APC Datasheet HTML 5Page - National Semiconductor (TI) 74F258APC Datasheet HTML 6Page - National Semiconductor (TI) 74F258APC Datasheet HTML 7Page - National Semiconductor (TI) 74F258APC Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AC Electrical Characteristics
74F
54F
74F
TA ea25 C
TA VCC e Mil
TA VCC e Com
Symbol
Parameter
VCC ea50V
CL e 50 pF
CL e 50 pF
Units
CL e 50 pF
Min
Typ
Max
Min
Max
Min
Max
tPLH
Propagation Delay
25
53
20
75
20
60
ns
tPHL
In to Zn
10
40
10
60
10
50
tPLH
Propagation Delay
30
75
30
95
30
85
ns
tPHL
StoZn
25
70
25
90
25
80
tPZH
Output Enable Time
20
60
20
80
20
70
tPZL
25
70
25
90
25
80
tPHZ
Output Disable Time
20
60
15
70
20
70
ns
tPLZ
20
60
20
85
20
70
4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com