Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE2372M Datasheet(PDF) 3 Page - ACE Technology Co., LTD.

Part # ACE2372M
Description  N-Channel 100-V MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE2372M Datasheet(HTML) 3 Page - ACE Technology Co., LTD.

  ACE2372M Datasheet HTML 1Page - ACE Technology Co., LTD. ACE2372M Datasheet HTML 2Page - ACE Technology Co., LTD. ACE2372M Datasheet HTML 3Page - ACE Technology Co., LTD. ACE2372M Datasheet HTML 4Page - ACE Technology Co., LTD. ACE2372M Datasheet HTML 5Page - ACE Technology Co., LTD. ACE2372M Datasheet HTML 6Page - ACE Technology Co., LTD. ACE2372M Datasheet HTML 7Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ACE2372M
N-Channel 100-V MOSFET
VER 1.1
3
Electrical Characteristics
TA=25℃, unless otherwise specified.
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Static
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 uA
1
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS =± 20 V
±10
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 80 V, VGS = 0 V
1
uA
VDS = 80V, VGS = 0 V, TJ = 55°C
10
On-State Drain Current
ID(on)
VDS = 5 V, VGS = 10 V
1
A
Drain-Source On-Resistance
rDS(on)
VGS = 10 V, ID = 0.5 A
2000
mΩ
VGS = 5.5 V, ID = 0.4 A
2200
Forward Transconductance
gfs
VDS = 15 V, ID = 0.5 A
4
S
Diode Forward Voltage
VSD
IS = 0.33 A, VGS = 0 V
0.79
V
Dynamic
Total Gate Charge
Qg
VDS = 50 V, VGS = 4.5 V, ID = 0.5 A
1.2
nC
Gate-Source Charge
Qgs
0.2
Gate-Drain Charge
Qgd
0.8
Turn-On Delay Time
td(on)
VDD = 50 V, RL = 100
Ω , ID = 0.5 A,
VGEN = 10 V, RGEN = 6
Ω
2
nS
Rise Time
tr
4
Turn-Off Delay Time
td(off)
12
Fall Time
tf
5
Input Capacitance
Ciss
VDS = 15 V, VGS = 0 V, f =1 MHz
61
pF
Output Capacitance
Coss
19
ReverseTransfer Capacitance
Crss
9
Note:
a. Pulse test: PW <= 300us duty cycle <= 2%.
b. Guaranteed by design, not subject to production testing.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com