Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE2398M Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE2398M
Description  N-Channel 60-V MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE2398M Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE2398M Datasheet HTML 1Page - ACE Technology Co., LTD. ACE2398M Datasheet HTML 2Page - ACE Technology Co., LTD. ACE2398M Datasheet HTML 3Page - ACE Technology Co., LTD. ACE2398M Datasheet HTML 4Page - ACE Technology Co., LTD. ACE2398M Datasheet HTML 5Page - ACE Technology Co., LTD. ACE2398M Datasheet HTML 6Page - ACE Technology Co., LTD. ACE2398M Datasheet HTML 7Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
ACE2398M
N-Channel 60-V MOSFET
VER 1.1
1
Description
ACE2398M uses advanced trench technology to provide excellent RDS(ON).
This device particularly suits for low voltage application such as power management of desktop
computer or notebook computer power management, DC/DC converter.
Features
• Low r
DS(on) trench technology
• Low thermal impedance
• Fast switching speed
Applications
• White LED boost converters
• Automotive Systems
• Industrial DC/DC Conversion Circuits
Absolute Maximum Ratings
Parameter
Symbol
Limit
Units
Drain-Source Voltage
VDS
60
V
Gate-Source Voltage
VGS
±20
V
Continuous Drain Current
a
TA=25℃
ID
2.2
A
TA=70℃
1.7
Pulse Drain Current
b
IDM
10
A
Continuous Source Current (Diode Conduction)
a
IS
1.9
A
Power Dissipation
a
TA=25℃
PD
1.3
W
TA=70℃
0.8
Operating Temperature / Storage Temperature
TJ/TSTG
-55/150
OC
*1 Pw ≦
10 μs, Duty cycle ≦1 %
*2 When mounted on a 1*0.75*0.062 inch glass epoxy board%
THERMAL RESISTANCE RATINGS
Parameter
Symbol Maximum
Units
Maximum Junction-to-Ambient
a
t <= 10 sec
RθJA
100
OC/W
Steady State
166


Similar Part No. - ACE2398M

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE2390M ACE-ACE2390M Datasheet
508Kb / 7P
N-Channel 150-V MOSFET
VER 1.1
ACE2391M ACE-ACE2391M Datasheet
723Kb / 6P
N-Channel 150-V MOSFET
VER 1.1
More results

Similar Description - ACE2398M

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE1106M ACE-ACE1106M Datasheet
457Kb / 7P
N-Channel 60-V MOSFET
VER 1.1
ACE9060M ACE-ACE9060M Datasheet
469Kb / 7P
N-Channel 60-V MOSFET
VER 1.1
ACE2006M ACE-ACE2006M Datasheet
536Kb / 7P
N-Channel 60-V MOSFET
VER 1.1
ACE2358M ACE-ACE2358M Datasheet
460Kb / 7P
N-Channel 60-V MOSFET
VER 1.1
ACE9006M03N ACE-ACE9006M03N Datasheet
718Kb / 7P
N-Channel 60-V MOSFET
VER 1.1
logo
Nexperia B.V. All right...
PMV450ENEA NEXPERIA-PMV450ENEA Datasheet
733Kb / 16P
60 V, N-channel Trench MOSFET
PMN230ENEA NEXPERIA-PMN230ENEA Datasheet
270Kb / 14P
60 V, N-channel Trench MOSFET
26 April 2019
PMN40SNA NEXPERIA-PMN40SNA Datasheet
288Kb / 15P
60 V, N-channel Trench MOSFET
8 April 2021
PMCM950ENE NEXPERIA-PMCM950ENE Datasheet
475Kb / 14P
60 V, N-channel Trench MOSFET
13 May 2019
PMN120ENE NEXPERIA-PMN120ENE Datasheet
270Kb / 15P
60 V, N-channel Trench MOSFET
14 December 2017
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com