Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE2607B Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE2607B
Description  P-Channel Enhancement Mode Field Effect Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE2607B Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE2607B Datasheet HTML 1Page - ACE Technology Co., LTD. ACE2607B Datasheet HTML 2Page - ACE Technology Co., LTD. ACE2607B Datasheet HTML 3Page - ACE Technology Co., LTD. ACE2607B Datasheet HTML 4Page - ACE Technology Co., LTD. ACE2607B Datasheet HTML 5Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ACE2607B
P-Channel Enhancement Mode Field Effect Transistor
VER 1.3
2
Ordering information
ACE2607B XX + H
Electrical Characteristics
TA=25
OC unless otherwise noted
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
On/Off characteristics
Drain-Source Breakdown Voltage
V(BR)DSS
VGS=0V, ID=250uA
-30
-34
V
Zero Gate Voltage Drain Current
IDSS
VDS=-24V, VGS=0V
-3
-200
nA
Gate Leakage Current
IGSS
VGS=±20V, VDS=0V
±1.5
±50
nA
On characteristics
b
Static Drain-Source On-Resistance
RDS(ON)
VGS=-10V, ID=-5A
52
65
m
Ω
VGS=-4.5V, ID=-4A
68
85
Gate Threshold Voltage
VGS(th)
VDS=VGS, ID=-250uA
-1
-1.3
-3
V
Forward Transconductance
gFS
VDS=-5V, ID=-6A
12
S
Switching characteristics
b
Turn-On Delay Time
Td(on)
VDD=-15V, RL=2.5Ω,
VGS=-10V, RGEN=3Ω
8.6
ns
Turn-Off Delay Time
Td(off)
28.2
Dynamic characteristics
Input Capacitance
Ciss
VDS=-15V, VGS=0V
f=1.0MHz
550
pF
Output Capacitance
Coss
60
Reverse Transfer Capacitance
Crss
50
Drain-source diode characteristics and maximum ratings
b
Drain-Source Diode Forward
Voltage
VSD
VGS=0V, IS=-1A
(2)
-0.81
V
Note: 1. The value of PD is measured with the device mounted on 1in 2 FR-4 board with 2oz. Copper, in a still air environment
with TA =25°C. The value in any given application depends on the user's specific board design. The current rating is
based on the DC thermal resistance rating.
2. Repetitive rating, pulse width limited by junction temperature.
GM : SOT-23-6L
Pb - free
Halogen - free



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com