Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE3401D Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE3401D
Description  P-Channel Enhancement Mode Field Effect Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE3401D Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE3401D Datasheet HTML 1Page - ACE Technology Co., LTD. ACE3401D Datasheet HTML 2Page - ACE Technology Co., LTD. ACE3401D Datasheet HTML 3Page - ACE Technology Co., LTD. ACE3401D Datasheet HTML 4Page - ACE Technology Co., LTD. ACE3401D Datasheet HTML 5Page - ACE Technology Co., LTD. ACE3401D Datasheet HTML 6Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ACE3401D
P-Channel Enhancement Mode Field Effect Transistor
VER 1.2
2
Electrical Characteristics
TA=25
OC unless otherwise noted
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Off characteristics
Zero Gate Voltage Drain Current
IDSS
VDS=-30V, VGS=0V
-1
uA
Gate-Body Leakage, Forward
IGSSF
VGS=-20V
-100
nA
Gate-Body Leakage, Reverse
IGSSR
VGS=20V
100
nA
On characteristics
Static Drain-Source On-Resistance
RDS(ON)
VGS=-10V, ID=-4.2A
63
mΩ
VGS=-4.5V, ID=-4A
75
VGS=-2.5V, ID=-1A
120
Gate Threshold Voltage
VGS(th)
VDS=VGS, ID=-250uA
-0.7
-1.0
-1.3
V
Switching characteristics
(3)
Turn-On Delay Time
Td(on)
VDD=-15V,RL=3.6Ω
VGS=-10V, RGEN=6Ω
6.5
ns
Turn-On Rise Time
tf
3.5
Turn-Off Delay Time
td(off)
40
Turn-Off Fall Time
tf
13
Dynamic characteristics
(3)
Input Capacitance
Ciss
VDS=-30V, VGS=0V
f=200KHz
600
pF
Output Capacitance
Coss
85
Reverse Transfer Capacitance
Crss
566
Drain-source diode characteristics and maximum ratings
Body Diode Forward Voltage
VSD
VSD=0V, IS=-1A
-0.78
-1
V
Note:
1. RθJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as
the solder mounting surface of the drain pins. RθJC is guaranteed by design while RθCA is determined by the user's board
design.
2.
Pulse Test: Pulse Width ≤ 300 μs, Duty Cycle ≤ 2.0%



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com