Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE7407A Datasheet(PDF) 3 Page - ACE Technology Co., LTD.

Part # ACE7407A
Description  P-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE7407A Datasheet(HTML) 3 Page - ACE Technology Co., LTD.

  ACE7407A Datasheet HTML 1Page - ACE Technology Co., LTD. ACE7407A Datasheet HTML 2Page - ACE Technology Co., LTD. ACE7407A Datasheet HTML 3Page - ACE Technology Co., LTD. ACE7407A Datasheet HTML 4Page - ACE Technology Co., LTD. ACE7407A Datasheet HTML 5Page - ACE Technology Co., LTD. ACE7407A Datasheet HTML 6Page - ACE Technology Co., LTD. ACE7407A Datasheet HTML 7Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ACE7407A
P-Channel Enhancement Mode MOSFET
VER 1.1
3
Electrical Characteristics
TA=25℃, unless otherwise noted
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown
Voltage
V(BR)DSS
VGS=0V, ID=-250uA
-20
V
Gate Threshold Voltage
VGS(th)
VDS=VGS, ID=-250uA
-0.35
-0.8
Gate Leakage Current
IGSS
VDS=0V,VGS=±12V
±100
nA
Zero Gate Voltage Drain
Current
IDSS
VDS=-20V, VGS=0V
-1
uA
VDS=-20V, VGS=0V TJ=55℃
-5
VDS≧-5V, VGS=-4.5V
-6
A
Drain-Source
On-Resistance
RDS(ON)
VGS=-4.5V, ID=-3.4A
0.080
0.100
Ω
VGS=-2.5V, ID=-2.4A
0.105
0.125
VGS=-1.8V, ID=-1.7A
0.130
0.150
VGS=-1.25V, ID=-1.0A
0.180
0.22
Forward
Transconductance
Gfs
VDS=-5V,ID=-2.8A
6
S
Diode Forward Voltage
VSD
IS=-1.5A, VGS=0V
-0.8
-1.2
V
Dynamic
Total Gate Charge
Qg
VDS=-6V, VGS=-4.5V, ID=-2.8A
4.8
8
nC
Gate-Source Charge
Qgs
1.0
Gate-Drain Charge
Qgd
1.0
Input Capacitance
Ciss
VDS=-6V, VGS=0V, f=1MHz
485
pF
Output Capacitance
Coss
85
Reverse Transfer
Capacitance
Crss
40
Turn-On Time
td(on)
VDD=-6V, RL=6
Ω, V
GEN=-4.5V,
ID=-1.0A ,RG=6
Ω
10
16
nS
tr
13
23
Turn-Off Time
td(off)
18
25
tf
15
20



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com