Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE7805 Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE7805
Description  3-Termainal 1A Positive Voltage Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE7805 Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE7805 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE7805 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE7805 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE7805 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE7805 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE7805 Datasheet HTML 6Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ACE7805
3-Termainal 1A Positive Voltage Regulator
VER1.2
1
Description
The ACE7805 series of three terminal positive regulators are available in the TO-220 package and with
several fixed output voltages, making them useful in a wide range of applications.
Each type employs internal current limiting, thermal shut down and safe operating area protection,
making it essentially indestructible. If adequate heat sinking is provided, they can deliver over 1A output
current. Although designed primarily as fixed voltage regulators, these devices can be used with fixed
voltage regulators, these devices can be used with external components to obtain adjustable voltages
and currents.
Features
Output Current up to 1A
Output Voltages of 5V
Thermal Overload Protection
Short Circuit Protection
Output Transistor Safe Operating Area Protection
Absolute Maximum Ratings
Parameter
Symbol
Max
Unit
Input Voltage (Vo=5V to 18V)
(Vo=24V)
Vi
35
V
40
Thermal Resistance Junction-Air
R
ΘJA
65
mA
Thermal Resistance Junction-Cases RΘJC
5
OC
Operating Temperature Range
Topr
0~125
OC
Storage Temperature Range
Tstg
-65~150
* When tested in free air condition, without heat sinking.
Packaging Type
TO-220
1: Input
2: GND
3: Output


Similar Part No. - ACE7805

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE78L05 ACE-ACE78L05 Datasheet
234Kb / 9P
Positive Voltage Regulator
VER1.2
ACE78L05AM+H ACE-ACE78L05AM+H Datasheet
234Kb / 9P
Positive Voltage Regulator
VER1.2
ACE78L05S ACE-ACE78L05S Datasheet
409Kb / 6P
5V 3-Terminal Positive Voltage Regulator
VER1.2
ACE78L06 ACE-ACE78L06 Datasheet
234Kb / 9P
Positive Voltage Regulator
VER1.2
ACE78L06AM+H ACE-ACE78L06AM+H Datasheet
234Kb / 9P
Positive Voltage Regulator
VER1.2
More results

Similar Description - ACE7805

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA7810A FAIRCHILD-KA7810A Datasheet
227Kb / 28P
3-Terminal 1A Positive Voltage Regulator
LM7805A FAIRCHILD-LM7805A Datasheet
335Kb / 23P
3-Terminal 1A Positive Voltage Regulator
MC780XXE FAIRCHILD-MC780XXE Datasheet
253Kb / 26P
3-Terminal 1A Positive Voltage Regulator
logo
Unisonic Technologies
LM78XX UTC-LM78XX_05 Datasheet
238Kb / 10P
3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78XXE FAIRCHILD-KA78XXE_09 Datasheet
981Kb / 29P
3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7805J TGS-LM7805J Datasheet
87Kb / 1P
3-Terminal 1A Positive Voltage Regulator
LM7815 TGS-LM7815 Datasheet
74Kb / 1P
3-Terminal 1A Positive Voltage Regulator
LM7908J TGS-LM7908J Datasheet
105Kb / 1P
3-Terminal 1A Positive Voltage Regulator
LM7918J TGS-LM7918J Datasheet
105Kb / 1P
3-Terminal 1A Positive Voltage Regulator
logo
Unisonic Technologies
LM78XX_1109 UTC-LM78XX_1109 Datasheet
333Kb / 13P
3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com