Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDK172-834-R-DC Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # FDK172-834-R-DC
Description  Front panel open frame design
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

FDK172-834-R-DC Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  FDK172-834-R-DC Datasheet HTML 1Page - Axiomtek Co., Ltd. FDK172-834-R-DC Datasheet HTML 2Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
667
* All specifications and photos are subject to change without notice.
FDK172-834
Features
17" SXGA TFT Open Frame Panel Computer
with Intel® Celeron® Processor J1900
● Front panel open frame design
● Outstanding configuration flexibility delivering best ROI
● 17" SXGA TFT LCD display
● Intel® Celeron® processor J1900 2.0 GHz (Bay Trail-D)
● Touchscreen optional
● Changeable front bezel
● Supports VESA arm and open frame mount
● Dual PCIe Mini card slots
● Adjust RS-232/422/485 via BIOS
Introduction
Specifications
The FDK172-834 is an open frame display panel computer with outstanding flexibility,
configurable in a variety of ways to deliver best ROI for a variety of applications. It
features Intel® Celeron® processor J1900 2.0 GHz with a 17" LCD display with up to
1280 x 1024 resolution, providing a very cost effective low power solution.
Slim design
Designed to integrate into your custom enclosure, this 17-inch open frame unit offers
an open frame slim design architecture for easy fit. The FDK172-834 is ideal for indoor
kiosk, HMI automation, signage and other applications. The system is only 65mm deep
and provides narrow bezel widths of 13 ~ 15mm for space-saving custom bezels and
enclosure applications.
Touchscreen option
A resistive touchscreen option is available for interactive user interface requirements.
Optionally, when ordered without touchscreen you get an even lower cost solution for
dynamic signage or informational applications.
RS-232/422/485 adjustment & PCIe Mini Card slot
It is user friendly to adjust RS-232/422/485 setting via BIOS instead of adjusting it via
jumper. Dual PCIe Mini Card slots are standard for I/O expansion such as Wi-Fi, 3G
connection, or other 3rd party I/O cards.
LCD Panel
Display Type
17" SXGA TFT LCD
Brightness (cd/m
2)
250 nits
Resolution
1280 x 1024
Viewing Angle (H/V) 170°/160°
Main System
CPU
Intel® Bay Trail-D Celeron®
Processor J1900 4C@2.0GHz
Chipset
SoC integrated
System Memory
1 x 204-pin DDR3L 1333 and
1600 MT/s SO-DIMM up to 8 GB
BIOS
AMI UEFI BIOS
Storage
1 x 2.5" SATA HDD
1 x CFast™ or 1 x mSATA
Watchdog Timer
255 levels, 0~255 sec.
Onboard Graphics
Integrated Intel® GFX
1. Power Switch (ATX)
2. Terminal block for DC power input or
screw conn. w/AC adapter
3. 2 x USB 2.0
4. COM 3 (RS-232/422/485)
5. COM 4 (RS-232/422/485)
6. COM 1 (RS-232/422/485)
7. COM 2 (RS-232/422/485)
8. 1 x VGA
9. 1 x Ethernet (RJ-45)
10. 2 x USB 3.0
11. 1 x Audio (Line-out)
CFast™ slot
Rear view
1
2
3
5
6
7
8
10
4
11
9


Similar Part No. - FDK172-834-R-DC

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
FDK172-834 AXIOMTEK-FDK172-834_17 Datasheet
426Kb / 2P
17 SXGA TFT Open Frame Panel Computer with Intel Celeron Processor J1900
More results

Similar Description - FDK172-834-R-DC

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ES-2108 ADVANTECH-ES-2108 Datasheet
331Kb / 2P
8.4 Open Frame and Rugged Panel Mount Monitor
ES-2110 ADVANTECH-ES-2110 Datasheet
347Kb / 2P
10.4 Open Frame and Rugged Panel Mount Monitor
ES-2119 ADVANTECH-ES-2119 Datasheet
318Kb / 2P
19 Open Frame and Rugged Panel Mount Monitor
ES-2212 ADVANTECH-ES-2212 Datasheet
350Kb / 2P
12.1 Open Frame and Rugged Panel Mount Monitor
logo
Axiomtek Co., Ltd.
FDK150-830 AXIOMTEK-FDK150-830 Datasheet
380Kb / 2P
Front panel open frame design
FDK170-830 AXIOMTEK-FDK170-830 Datasheet
365Kb / 2P
Front panel open frame design
FDK190-830 AXIOMTEK-FDK190-830 Datasheet
363Kb / 2P
Front panel open frame design
logo
Advantech Co., Ltd.
ES-2217 ADVANTECH-ES-2217 Datasheet
83Kb / 2P
17" Open Frame and Rugged Panel Mount Monitor
logo
BOSER Technology Co., L...
BPC-5017-J BOSER-BPC-5017-J Datasheet
281Kb / 1P
Aluminum front panel design
logo
Axiomtek Co., Ltd.
FDK191-832 AXIOMTEK-FDK191-832 Datasheet
409Kb / 2P
Front panel open frame design
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com