Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDK191-832-R-DC Datasheet(PDF) 2 Page - Axiomtek Co., Ltd.

Part # FDK191-832-R-DC
Description  Front panel open frame design
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

FDK191-832-R-DC Datasheet(HTML) 2 Page - Axiomtek Co., Ltd.

  FDK191-832-R-DC Datasheet HTML 1Page - Axiomtek Co., Ltd. FDK191-832-R-DC Datasheet HTML 2Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
666
Overview
Fanless
Touch Panel
Computers
Heavy-duty
Fanless Touch
Panel Computers
Industrial
Touch Panel
Computers
Industrial Touch
panel Monitors
Infotainment
Touch Panel
Computers
Open
Frame Panel
Computers
Healthcare
& Medical
Solutions
Accessories
7
axiomtek.com
© 2016 Axiomtek Co., Ltd. All rights reserved.
* All specifications and photos are subject to change without notice.
Ordering Information
Specifications
Optional OS Installation
I/O Connector
1 x RS-232/422/485 (default RS-232 (COM 1)
2 x RS-232 (COM 2/3)
2 x 10/100/1000Mbps Ethernet
4 x USB 2.0
1 x Audio (Line-out)
1 x VGA
1 x VR (brightness adjustment)
Expansion Interface
1 x PCIe Mini Card
Touchscreen
Resistive type (optional)
Power Supply
12/24 VDC
Dimensions
404.5 mm (15.92") (W) x 63.3 mm (2.49") (D)
x 332 mm (13.07") (H)
Packing Dimensions
510 mm (20.08") (W) x 190 mm (7.48") (D)
x 540 mm (21.26") (H)
Weight (net/gross)
6kg (13.23lb)/ 8.06 kg (17.77lb)
Environment
Operating temperature: 0° ~ +50°C (+32°F ~ +122°F)
Relative humidity: 10~90%@40°C, non-considering
Certificate
CE
* Specification and certifications are based on options and may vary.
** W.T.: Wide Temperature. All W.T. supported products have to be sorted by Axiomtek.
FDK191-832-R-DC
19" SXGA open frame panel computer with Intel® Atom™
processor D2550, 5-wire reisitive touch screen, and 12 or
24VDC power input (terminal block connector)
FDK191-832-N-DC
19" SXGA open frame touch panel computer with Intel®
Atom™ processor D2550, 5-wire reisitive touch screen, and
12 or 24VDC power input (terminal block connector)
50966A23040E
Power adapter, 70W, 110-230VAC to 24VDC
* Specification and certifications are based on options and may vary.
Windows® 7
WE8S
Dimensions
Side view
Rear view



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com